Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7771 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # SFH7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button SFH7771 Datasheet HTML 16Page - OSRAM GmbH SFH7771 Datasheet HTML 17Page - OSRAM GmbH SFH7771 Datasheet HTML 18Page - OSRAM GmbH SFH7771 Datasheet HTML 19Page - OSRAM GmbH SFH7771 Datasheet HTML 20Page - OSRAM GmbH SFH7771 Datasheet HTML 21Page - OSRAM GmbH SFH7771 Datasheet HTML 22Page - OSRAM GmbH SFH7771 Datasheet HTML 23Page - OSRAM GmbH SFH7771 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Version 1.1
20
Version 1.1
SFH 7771
INTERRUPT_CONTROL register (0x4A)
Setting of the interrupt functions.
R/W-Register 0x4A
Bit
7
6
5
4
3
2
1
0
PS INT
status
(read only)
ALS INT
status
(read only)
PS INT mode
INT assert
INT latch
INT trigger
default 0 inactive
0 inactive
00 PS_TH is only
active
0 INT „L“ is stable
0 INT is latched
00 inactive
0 inactive
0 inactive
00 PS_TH (PS high
threshold 0x4B &
0x4C) is only active
0 INT „L“ is stable if
newer measurement
results is also
interrupt active
0 INT is latched
until INT
register is read
or initialize
00 INT pin is
inactive
1 active
1active
01 PS_TH & PS_TL
(PS high & low
threshold) are active
as hysteresis
1 INT “L“ is de-assert
and re-assert if
newer measurement
results is also
interrupt active
1INT is updated
after each
measurement
01 triggered
by PS only
10 PS_TH & PS_TL
(PS high & low
threshold) are active
as outside detection
10 triggered
by ALS only
11 forbidden
11 triggered
by PS or ALS
PS INT and ALS INT status (bit <7;6>): Directly after reading the register the interrupt status for PS and
ALS and the INT Pin of the sensor is automatically set back to inactive status independent on the meas-
urement results.
PS INT mode (bit <5;4>): The INT modes are only valid for the PS interrupt function. For description
please see extra chapter „PS INT Modes“ (at the end of the register chapter).
INT assert (bit <3>): Is used to adjust the sensor behaviour to the used micro controller trigger settings.
In case a repeated trigger in low state is needed the
INT assert can be set to 1.
INT trigger (bit <2>): defines the source / sources for the interrupt.
INT latched (bit <1>): In latched mode the interrupt status stays active after the first activation. It is only
released by reading the status are performing an interrupt reset.
.
PS_TH_LSBs register (0x4B)
LSB for the PS threshold „HIGH“.
R/W-Register 0x4B
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com