Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKS50-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5246BKS50-R2
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS50-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD5246BKS50-R2 Datasheet HTML 1Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 2Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 3Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 4Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 5Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 6Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 7Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 8Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5246
ELECTRICAL CHARACTERISTICS—5 kΩ VERSION
Table 1. VDD = 5 V ±10% or 3 V ± 10%; VA = +VDD; –40°C < TA < +125°C; unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB
–1.5
±0.1
+1.5
LSB
Resistor Integral Nonlinearity2
R-INL
RWB
–4
±0.75
+4
LSB
Nominal Resistor Tolerance3
∆RAB
TA = 25°C
–30
+30
%
Resistance Temperature Coefficient
∆RAB/∆T
Wiper = No Connect
45
ppm/°C
RWB
RWB
Code=0x00, VDD = 5 V
75
150
Ω
Code=0x00, VDD = 2.7 V
150
400
Ω
RESISTOR TERMINALS
Voltage Range4
VB, W
GND
VDD
V
Capacitance5 B
CB
f = 1 MHz, Measured to GND, Code = 0x40
45
pF
Capacitance5 W
CW
f = 1 MHz, Measured to GND, Code = 0x40
60
pF
Common-Mode Leakage
ICM
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V
2.4
V
Input Logic Low
VIL
VDD = 5 V
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance5
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD RANGE
2.7
5.5
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
3
8
µA
Power Dissipation6
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
40
µW
Power Supply Sensitivity
PSSR
VDD = +5 V ± 10%, Code = Midscale
±0.01
±0.02
%/%
DYNAMIC CHARACTERISTICS5, 7
Bandwidth –3 dB
BW_5K
RAB = 5 kΩ, Code = 0x40
1.2
MHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
0.05
%
VW Settling Time
tS
VA = 5 V, ±1 LSB Error Band
1
µs
Resistor Noise Voltage Density
eN_WB
RWB = 2.5 kΩ, RS = 0 Ω
6
nV/√Hz
1 Typical specifications represent average readings at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3 Code = 0x7F.
4 Resistor terminals A and W have no limitations on polarity with respect to each other.
5 Guaranteed by design and not subject to production test.
6 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
7 All dynamic characteristics use VDD = 5 V.
Rev. 0 | Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com