Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKS50-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5246BKS50-R2
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS50-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5246BKS50-R2 Datasheet HTML 12Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 13Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 14Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 15Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 16Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 17Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 18Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 19Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5246
OUTLINE DIMENSIONS
0.22
0.08
0.46
0.36
0.26
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
1.10 MAX
3
5
4
2
6
1
2.00 BSC
PIN 1
2.10 BSC
0.65 BSC
1.25 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-203AB
Figure 38. 6-Lead Thin Shrink Small Outline Transistor [SC70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB (kΩ)
Temperature Range
Package Description
Package Option
Branding
AD5246BKS5-R2
5
–40°C to +125°C
6-lead SC70
KS-6
D16
AD5246BKS5-RL7
5
–40°C to +125°C
6-lead SC70
KS-6
D16
AD5246BKS10-R2
10
–40°C to +125°C
6-lead SC70
KS-6
D1D
AD5246BKS10-RL7
10
–40°C to +125°C
6-lead SC70
KS-6
D1D
AD5246BKS50-R2
50
–40°C to +125°C
6-lead SC70
KS-6
D1C
AD5246BKS50-RL7
50
–40°C to +125°C
6-lead SC70
KS-6
D1C
AD5246BKS100-R2
100
–40°C to +125°C
6-lead SC70
KS-6
D1A
AD5246BKS100-RL7
100
–40°C to +125°C
6-lead SC70
KS-6
D1A
AD5246EVAL
See Note 1
Evaluation Board
1 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.
Rev. 0 | Page 17 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com