Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKS50-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5246BKS50-R2
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS50-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5246BKS50-R2 Datasheet HTML 9Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 10Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 11Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 12Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 13Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 14Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 15Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 16Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5246
I2C COMPATIBLE 2-WIRE SERIAL BUS
The first byte of the AD5246 is a slave address byte (see
and
). It has a 7-bit slave address and a R/W bit. The
seven MSBs of the slave address are 0101110 followed by 0 for a
write command or 1 to place the device in read mode.
Table 5
able 5
Table 6
The 2-wire I2C serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a START
condition, which is when a high-to-low transition on the
SDA line occurs while SCL is high (see
). The
following byte is the slave address byte, which consists of
the 7-bit slave address followed by an R/W bit (this bit
determines whether data will be read from or written to
the slave device).
Figure 26
Figure 26
The slave whose address corresponds to the transmitted
address responds by pulling the SDA line low during the
ninth clock pulse (this is termed the acknowledge bit). At
this stage, all other devices on the bus remain idle while the
selected device waits for data to be written to or read from
its serial register. If the R/W bit is high, the master will read
from the slave device. On the other hand, if the R/W bit is
low, the master will write to the slave device.
2.
In write mode, after acknowledgement of the slave address
byte, the next byte is the data byte. Data is transmitted over
the serial bus in sequences of nine clock pulses (eight data
bits followed by an acknowledge bit). The transitions on
the SDA line must occur during the low period of SCL and
remain stable during the high period of SCL (see T
).
3.
In read mode, after acknowledgment of the slave address
byte, data is received over the serial bus in sequences of
nine clock pulses (a slight difference from the write mode
where eight data bits are followed by an acknowledge bit).
Similarly, the transitions on the SDA line must occur
during the low period of SCL and remain stable during the
high period of SCL (see
).
Figure 27
Figure 27
4.
When all data bits have been read or written, a STOP
condition is established by the master. A STOP condition is
defined as a low-to-high transition on the SDA line while
SCL is high. In write mode, the master will pull the SDA
line high during the tenth clock pulse to establish a STOP
condition (see
). In read mode, the master will
issue a No Acknowledge for the ninth clock pulse (i.e., the
SDA line remains high). The master will then bring the
SDA line low before the tenth clock pulse, which goes high
to establish a STOP condition (see
).
A repeated write function gives the user flexibility to update the
RDAC output a number of times after addressing the part only
once. For example, after the RDAC has acknowledged its slave
address in write mode, the RDAC output will update on each
successive byte. If different instructions are needed, write/read
mode has to start again with a new slave address and data byte.
Similarly, a repeated read function of the RDAC is also allowed.
LEVEL SHIFTING FOR BIDIRECTIONAL INTERFACE
While most legacy systems may be operated at one voltage, a
new component may be optimized at another. When two
systems operate the same signal at two different voltages, proper
level shifting is needed. For instance, one can use a 3.3 V
E2PROM to interface with a 5 V digital potentiometer. A level
shifting scheme is needed to enable a bidirectional communi-
cation so that the setting of the digital potentiometer can be
stored to and retrieved from the E2PROM. F
shows one
of the implementations. M1 and M2 can be any N channel
signal FETs, or if VDD falls below 2.5 V, M1 and M2 can be low
threshold FETs such as the FDV301N.
igure 29
Figure 29. Level Shifting for Operation at Different Potentials
E2PROM
AD5246
SDA1
SCL1
D
G
RP
RP
3.3V
5V
S
M1
SCL2
SDA2
RP
RP
G
S
M2
VDD1 = 3.3V
VDD2 = 5V
D
ESD PROTECTION
All digital inputs are protected with a series input resistor and
parallel Zener ESD structures shown in F
and
.
This applies to the digital input pins SDA and SCL.
igure 30
Figure 30. ESD Protection of Digital Pins
Figure 31
Figure 31. ESD Protection of Resistor Terminals
LOGIC
340
GND
B,W
GND
Rev. 0 | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com