Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKS50-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5246BKS50-R2
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS50-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5246BKS50-R2 Datasheet HTML 8Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 9Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 10Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 11Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 12Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 13Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 14Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 15Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5246
Rev. 0 | Page 12 of 20
OPERATION
The AD5246 is a 128-position, digitally controlled variable
resistor (VR) device. An internal power-on preset places the
wiper at midscale during power-on, which simplifies the default
condition recovery at power-up.
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between terminals A and
B is available in 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ. The final two
or three digits of the part number determine the nominal
resistance value, e.g., 10 kΩ = 10, 50 kΩ = 50. The nominal
resistance (RAB) of the VR has 128 contact points accessed by
the wiper terminal, plus the B terminal contact. The 7-bit data
in the RDAC latch is decoded to select one of the 128 possible
settings.
Assuming a 10 kΩ part is used, the wiper’s first connection
starts at the B terminal for data 0x00. Since there is a 50 Ω wiper
contact resistance, such a connection yields a minimum of
100 Ω (2 × 50 Ω) resistance between terminals W and B. The
second connection is the first tap point, which corresponds to
178 Ω (RWB = RAB/128 + RW = 78 Ω + 2 × 50 Ω) for data 0x01.
The third connection is the next tap point, representing 256 Ω
(2 × 78 Ω + 2 × 50 Ω) for data 0x02, and so on. Each LSB data
value increase moves the wiper up the resistor ladder until the
last tap point is reached at 10,100 Ω (RAB + 2 × RW).
Figure 28 shows a simplified diagram of the equivalent RDAC
circuit.
Bx
Wx
Ax
D6
D4
D5
D2
D3
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
Figure 28. AD5246 Equivalent RDAC Circuit
The general equation determining the digitally programmed
output resistance between W and B is
W
AB
WB
R
R
D
D
R
×
+
×
=
2
128
)
(
(1)
where D is the decimal equivalent of the binary code loaded in
the 7-bit RDAC register, RAB is the end-to-end resistance, and
RW
is the wiper resistance contributed by the on resistance of
the internal switch. In summary, if RAB = 10 kΩ and the A
terminal is open-circuited, the output resistance RWB shown in
Table 7 will be set for the indicated RDAC latch codes.
Table 7. Codes and Corresponding RWB Resistance
D (Dec.)
RWB (Ω)
Output State
127
10,100
Full Scale (RAB + 2 × RW)
64
5,100
Midscale
1
178
1 LSB
0
100
Zero Scale (Wiper Contact Resistance)
Note that in the zero-scale condition, a finite wiper resistance of
100 Ω is present. Care should be taken to limit the current flow
between W and B in this state to a maximum pulse current of
no more than 20 mA. Otherwise, degradation or possible
destruction of the internal switch contact can occur.
Typical device-to-device matching is process lot dependent and
may vary by up to ±30%. Since the resistance element is
processed in thin film technology, the change in RAB with
temperature has a very low 45 ppm/°C temperature coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com