Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569RTWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 19Page - Texas Instruments LP5569RTWR Datasheet HTML 20Page - Texas Instruments LP5569RTWR Datasheet HTML 21Page - Texas Instruments LP5569RTWR Datasheet HTML 22Page - Texas Instruments LP5569RTWR Datasheet HTML 23Page - Texas Instruments LP5569RTWR Datasheet HTML 24Page - Texas Instruments LP5569RTWR Datasheet HTML 25Page - Texas Instruments LP5569RTWR Datasheet HTML 26Page - Texas Instruments LP5569RTWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
23
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5 Programming
8.5.1 I2C Interface
The I2C-compatible two-wire serial interface provides access to the programmable functions and registers on the
device. This protocol uses a two-wire interface for bidirectional communications between the devices connected
to the bus. The two interface lines are the serial data line (SDA) and the serial clock line (SCL). Every device on
the bus is assigned a unique address and acts as either a master or a slave depending on whether it generates
or receives the serial clock, SCL. The SCL and SDA lines should each have a pullup resistor placed somewhere
on the line and remain HIGH even when the bus is idle. Note: the CLK pin is not used for serial bus data
transfer.
8.5.1.1 Data Validity
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when clock signal is LOW.
Figure 21. Data Validity Diagram
8.5.1.2 Start and Stop Conditions
START and STOP conditions classify the beginning and the end of the data transfer session. A START condition
is defined as the SDA signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is
defined as the SDA transitioning from LOW to HIGH while SCL is HIGH. The bus master always generates
START and STOP conditions. The bus is considered to be busy after a START condition and free after a STOP
condition. During data transmission, the bus master can generate repeated START conditions. First START and
repeated START conditions are functionally equivalent.
8.5.1.3 Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data must be followed by an acknowledge bit. The acknowledge-related clock pulse is generated by
the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LP5569 device
pulls down the SDA line during the ninth clock pulse, signifying an acknowledge. The LP5569 device generates
an acknowledge after each byte has been received.
There is one exception to the acknowledge after every byte rule. When the master is the receiver, it must
indicate to the transmitter an end of data by not-acknowledging (negative acknowledge) the last byte clocked out
of the slave. This negative acknowledge still includes the acknowledge clock pulse (generated by the master),
but the SDA line is not pulled down.
After the START condition, the bus master sends a device address. This address is seven bits long followed by
an eighth bit which is a data direction bit (READ or WRITE). For the eighth bit, a 0 indicates a WRITE, and a 1
indicates a READ. The second byte selects the register to which the data is to be written. The third byte contains
data to write to the selected register.
8.5.1.4 I2C Slave Addressing
The LP5569 slave address is defined by connecting GND, SCL, SDA, or VIN to the ADDR pin. A total of four
slave addresses can be realized by combinations when GND, SCL, SDA, or VIN is connected to the ADDR pin
(see Table 2).
The LP5569 device is available in two versions (LP5569 and LP5569A). Each version has four possible address
settings, which allows up to eight devices sharing the same I2C bus as shown in Table 2. Values are in 7-bit
slave ID format. The LP5569 device responds to slave address 40h regardless of the setting of the ADDR pin
and device version. Global writes to address 40h can be used for configuring all devices simultaneously. The
LP5569 device supports global read using slave address 40h; however, the data read is only valid if all LP5569
devices on the I2C bus contain the same value in the register read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com