Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569RTWR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 60 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 56Page - Texas Instruments LP5569RTWR Datasheet HTML 57Page - Texas Instruments LP5569RTWR Datasheet HTML 58Page - Texas Instruments LP5569RTWR Datasheet HTML 59Page - Texas Instruments LP5569RTWR Datasheet HTML 60Page - Texas Instruments LP5569RTWR Datasheet HTML 61Page - Texas Instruments LP5569RTWR Datasheet HTML 62Page - Texas Instruments LP5569RTWR Datasheet HTML 63Page - Texas Instruments LP5569RTWR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
60
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 67. ENGINE2_VARIABLE_A Register
7
6
5
4
3
2
1
0
engine2_variable_a
R/W-0h
Table 56. ENGINE2_VARIABLE_A Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
engine2_variable_a
R/W
0h
These bits are used for the engine 2 local variable.
8.6.1.42 ENGINE3_VARIABLE_A Register (Address = 44h) [reset = 0h]
ENGINE3_VARIABLE_A is shown in Figure 68 and described in Table 57.
Return to Summary Table.
Engine3 Variable A
Figure 68. ENGINE3_VARIABLE_A Register
7
6
5
4
3
2
1
0
engine3_variable_a
R/W-0h
Table 57. ENGINE3_VARIABLE_A Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
engine3_variable_a
R/W
0h
These bits are used for the engine 3 local variable.
8.6.1.43 MASTER_FADER1 Register (Address = 46h) [reset = 0h]
MASTER_FADER1 is shown in Figure 69 and described in Table 58.
Return to Summary Table.
Master Fader1 Register
An 8-bit register to control all the LED outputs mapped to MASTER FADER1. The master fader allows the user
to control dimming of multiple LEDS with a single serial bus write.
Figure 69. MASTER_FADER1 Register
7
6
5
4
3
2
1
0
master_fader1
R/W-0h
Table 58. MASTER_FADER1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
master_fader1
R/W
0h
Master fader1 is controlled by engine1.
8.6.1.44 MASTER_FADER2 Register (Address = 47h) [reset = 0h]
MASTER_FADER2 is shown in Figure 70 and described in Table 59.
Return to Summary Table.
Master Fader2 Register
An 8-bit register to control all the LED outputs mapped to MASTER FADER2. Master fader allows the user to
control dimming of multiple LEDS with a single serial bus write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com