Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569RTWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 20Page - Texas Instruments LP5569RTWR Datasheet HTML 21Page - Texas Instruments LP5569RTWR Datasheet HTML 22Page - Texas Instruments LP5569RTWR Datasheet HTML 23Page - Texas Instruments LP5569RTWR Datasheet HTML 24Page - Texas Instruments LP5569RTWR Datasheet HTML 25Page - Texas Instruments LP5569RTWR Datasheet HTML 26Page - Texas Instruments LP5569RTWR Datasheet HTML 27Page - Texas Instruments LP5569RTWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
start
MSB Chip Addr LSB
w
ack
MSB Register Addr LSB
ack
MSB
Data LSB
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
id = 32h
w
ack
addr = 40h
ack
ack
address 40h data
stop
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
I
2
C Slave Address (chip address)
24
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 2. LP5569 Slave-Address Combinations
SLAVE ID
VERSION
ADDR
32h and 40h
GND
33h and 40h
SCL
34h and 40h
SDA
35h and 40h
VIN
42h and 40h
A
GND
43h and 40h
A
SCL
44h and 40h
A
SDA
45h and 40h
A
VIN
Figure 22. LP5569 Chip Address
8.5.1.5 Control Register Write Cycle
1. The master device generates a start condition.
2. The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
3. The slave device sends an acknowledge signal if the slave address is correct.
4. The master device sends the control register address (8 bits).
5. The slave device sends an acknowledge signal.
6. The master device sends the data byte to be written to the addressed register.
7. The slave device sends an acknowledge signal.
8. If the master device sends further data bytes, the control register address of the slave is incremented by 1
after the acknowledge signal. In order to reduce program load time, the LP5569 device supports address
auto incrementation. The register address is incremented after each 8 data bits. For example, the whole
program memory page can be written in one serial-bus write sequence.
9. The write cycle ends when the master device creates a stop condition.
Figure 23. Write Cycle (W = Write; SDA = 0)
8.5.1.6 Control Register Read Cycle
1. The master device generates a start condition.
2. The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
3. The slave device sends an acknowledge signal if the slave address is correct.
4. The master device sends the control register address (8 bits).
5. The slave device sends an acknowledge signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com