Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569RTWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 4 Page - Texas Instruments

  LP5569RTWR Datasheet HTML 1Page - Texas Instruments LP5569RTWR Datasheet HTML 2Page - Texas Instruments LP5569RTWR Datasheet HTML 3Page - Texas Instruments LP5569RTWR Datasheet HTML 4Page - Texas Instruments LP5569RTWR Datasheet HTML 5Page - Texas Instruments LP5569RTWR Datasheet HTML 6Page - Texas Instruments LP5569RTWR Datasheet HTML 7Page - Texas Instruments LP5569RTWR Datasheet HTML 8Page - Texas Instruments LP5569RTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
4
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GPIO/TRIG/INT
7
I, OD
General-purpose input or open-drain output, or trigger input or open-drain output, or
interrupt open-drain output. This pin function is configured in the I2C registers. By default
this pin is a general-purpose output (open-drain) and can be left floating if not used.
LED0
19
A
LED current sink 0. If not used, this pin can be left floating.
LED1
18
A
LED current sink 1. If not used, this pin can be left floating.
LED2
17
A
LED current sink 2. If not used, this pin can be left floating.
LED3
16
A
LED current sink 3. If not used, this pin can be left floating.
LED4
15
A
LED current sink 4. If not used, this pin can be left floating.
LED5
14
A
LED current sink 5. If not used, this pin can be left floating.
LED6
13
A
LED current sink 6. If not used, this pin can be left floating.
LED7
12
A
LED current sink 7. If not used, this pin can be left floating.
LED8
11
A
LED current sink 8. If not used, this pin can be left floating.
PGND
21
G
Charge-pump power ground. Connect to AGND, exposed thermal pad, and common
ground plane.
SCL
9
I
I2C bus clock line. If not used, this pin must be connected to GND or VIN.
SDA
8
I, OD
I2C bus data line. If not used, this pin must be connected to GND or VIN.
V1P8
10
P
Input power for digital circuitry.
VIN
3
P
Input power, a 1-µF capacitor must be connected between PGND and this pin.
VOUT
22
A
Charge-pump output voltage. If charge pump is used, a 1-µF capacitor must be
connected between PGND and this pin. If charge pump is not used or is used in 1×
mode only, the capacitor can be omitted.
Exposed thermal
pad
—
—
Must be connected to AGND (pin 4), PGND (pin 21), and common ground plane. See
Layout Example. Must be soldered to achieve appropriate power dissipation and
mechanical reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com