Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LLCPMC Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB91F525LLCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LLCPMC Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB91F525LLCPMC Datasheet HTML 29Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 33 of 280
MB91520 Series
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
61
*1
77
*1
97 *1
115
*1
136
*1
165
*1
P005
-
F
General-purpose I/O port
D21 *2, *3, *4, *5
-
External bus data bit21 I/O (0)
SCK2_0 *2
-
Multi-function serial ch.2 clock I/O (0)
ADTG0_1
-
A/D converter external trigger input 0 (1)
INT7_1
-
INT7 External interrupt input (1)
RX2(64) *4, *5, *6,
*7
-
CAN reception data 2 input
-
-
-
-
-
166
P165
-
A
General-purpose I/O port
PPG33_1
-
PPG ch.33 output (1)
62
*1
78
*1
98 *1
116
*1
137
*1
167
*1
P006
-
A
General-purpose I/O port
D22 *2, *3, *4, *5
-
External bus data bit22 I/O (0)
SCS2_0 *2
-
Serial chip select 2 I/O (0)
ADTG1_1
-
A/D converter external trigger input 1 (1)
INT2_1
-
INT2 External interrupt input (1)
TX2(64) *4, *5, *6,
*7
-
CAN transmission data 2 output
-
-
-
117
*1
138
168
P007
-
A
General-purpose I/O port
D23 *5
-
External bus data bit23 I/O
-
-
-
-
-
169
P166
-
A
General-purpose I/O port
PPG34_1
-
PPG ch.34 output (1)
-
-
-
118
*1
139
170
P010
-
A
General-purpose I/O port
D24 *5
-
External bus data bit24 I/O
63
*1
79
*1
99 *1
119
*1
140
171
P011
-
A
General-purpose I/O port
WOT
-
RTC output signal
D25 *2, *3, *4, *5
-
External bus data bit25 I/O
SOT2_1 *2
-
Multi-function serial ch.2 serial data output
(1)
TIOA0_0 *2, *3, *4
-
TIOA output of Base timer ch.0 (0)
INT3_1
-
INT3 External interrupt input (1)
-
-
-
-
141
172
P012
-
A
General-purpose I/O port
D26
-
External bus data bit26 I/O
TIOB0_0
-
TIOB input of Base timer ch.0 (0)
-
-
-
-
-
173
P167
-
A
General-purpose I/O port
PPG35_1
-
PPG ch.35 output (1)
-
-
-
-
142
174
P013
-
A
General-purpose I/O port
D27
-
External bus data bit27 I/O
TIOA1_0
-
TIOA I/O of Base timer ch.1 (0)
-
-
-
-
143
175
P014
-
A
General-purpose I/O port
D28
-
External bus data bit28 I/O
TIOB1_0
-
TIOB input of Base timer ch.1 (0)
18
23
28
34
40
50
AVCC1
-
-
Analog power supply for AD/DA convertor
unit1
39
47
58
68
84
103
AVCC0
-
-
Analog power supply for AD/DA convertor
unit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com