Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LLCPMC Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # MB91F525LLCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LLCPMC Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button MB91F525LLCPMC Datasheet HTML 53Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 54Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 55Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 56Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 57Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 58Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 59Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 60Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 57 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
000084H
BT0TMCR2 [R/W] B
-------0
BT0STC [R/W] B
-0-0-0-0
―
―
000088H
BT0PCSR/BT0PRLL [R/W] H
00000000 00000000
BT0PDUT/BT0PRLH/BT0DTBF [R/W] H
00000000 00000000
00008CH
―
―
―
―
Reserved
000090H
BT1TMR [R] H
00000000 00000000
BT1TMCR [R/W] H
-000--00 -000-000
Base Timer 1
000094H
BT1TMCR2 [R/W] B
-------0
BT1STC [R/W] B
-0-0-0-0
―
―
000098H
BT1PCSR/BT1PRLL [R/W] H
00000000 00000000
BT1PDUT/BT1PRLH/BT1DTBF [R/W] H
00000000 00000000
00009CH
BTSEL01 [R/W] B
----0000
―
BTSSSR [W] B,H
-------- ------11
Base Timer 0,1
0000A0H
to
0000FCH
―
―
―
―
Reserved
000100H
TMRLRA1 [R/W] H
XXXXXXXX XXXXXXXX
TMR1 [R] H
XXXXXXXX XXXXXXXX
Reload Timer 1
000104H
TMRLRB1 [R/W] H
XXXXXXXX XXXXXXXX
TMCSR1 [R/W] B, H,W
00000000 0-000000
000108H
TMRLRA2 [R/W] H
XXXXXXXX XXXXXXXX
TMR2 [R] H
XXXXXXXX XXXXXXXX
Reload Timer 2
00010CH
TMRLRB2 [R/W] H
XXXXXXXX XXXXXXXX
TMCSR2 [R/W] B,H,W
00000000 0-000000
000110H
TMRLRA3 [R/W] H
XXXXXXXX XXXXXXXX
TMR3 [R] H
XXXXXXXX XXXXXXXX
Reload Timer 3
000114H
TMRLRB3 [R/W] H
XXXXXXXX XXXXXXXX
TMCSR3 [R/W] B,H,W
00000000 0-000000
000118H
MSCY4 [R] H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
Input Capture 4,5
Cycle measurement data
register 45
00011CH
MSCY5 [R] H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
000120H
OCCP6 [R/W] W
00000000 00000000 00000000 00000000
Output
Compare 6,7
32-bit OCU
000124H
OCCP7 [R/W] W
00000000 00000000 00000000 00000000
000128H
―
―
OCSH67 [R/W]
B,H,W
---0--00
OCSL67 [R/W]
B,H,W
0000--00
00012CH
OCCP8 [R/W] W
00000000 00000000 00000000 00000000
Output
Compare 8,9
32-bit OCU
000130H
OCCP9 [R/W] W
00000000 00000000 00000000 00000000
000134H
―
―
OCSH89 [R/W]
B,H,W
---0--00
OCSL89 [R/W]
B,H,W
0000--00
000138H
to
0001B4H
―
―
―
―
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com