Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LLCPMC Datasheet(PDF) 89 Page - Cypress Semiconductor

Part # MB91F525LLCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LLCPMC Datasheet(HTML) 89 Page - Cypress Semiconductor

Back Button MB91F525LLCPMC Datasheet HTML 85Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 86Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 87Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 88Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 89Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 90Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 91Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 92Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 93Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 89 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
001884H
BGR7[R/W] H, W
00000000 00000000
― /(ISMK7)[R/W]
B,H,W
-------- *2
― /(ISBA7)[R/W]
B,H,W
-------- *2
Multi-UART7
001888H
FCR17[R/W]
B,H,W
---00100
FCR07[R/W]
B,H,W
-0000000
FBYTE7[R/W] B,H,W
00000000 00000000
00188CH
FTICR7[R/W] B,H,W
00000000 00000000
―
―
001890H
SCR8/(IBCR8) [R/W]
B,H,W
0--00000
SMR8[R/W] B,H,W
000-00-0
SSR8[R/W] B,H,W
0-000011
ESCR8/(IBSR8)[R/W
] B,H,W
00000000
Multi-UART8
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
001894H
― /(RDR18/(TDR18))[R/W] B,H,W
-------- -------- *3
RDR08/(TDR08)[R/W] B,H,W
-------0 00000000 *1
001898H
SACSR8[R/W] B,H,W
0----000 00000000
STMR8[R] B,H,W
00000000 00000000
00189CH
STMCR8[R/W] B,H,W
00000000 00000000
― /(SCSCR8/SFUR8)[R/W] B,H,W
-------- -------- *3 *4
0018A0H
― /(SCSTR38)/
(LAMSR8)
[R/W] B,H,W
-------- *3
― /(SCSTR28)/
(LAMCR8)
[R/W] B,H,W
-------- *3
― /(SCSTR18)/
(SFLR18)
[R/W] B,H,W
-------- *3
― /(SCSTR08)/
(SFLR08)
[R/W] B,H,W
-------- *3
0018A4H
―
― /(SCSFR28)
[R/W] B,H,W
-------- *3
― /(SCSFR18)
[R/W] B,H,W
-------- *3
― /(SCSFR08)
[R/W] B,H,W
-------- *3
0018A8H
―/(TBYTE38)/
(LAMESR8)
[R/W] B,H,W
-------- *3
―/(TBYTE28)/
(LAMERT8)
[R/W] B,H,W
-------- *3
―/(TBYTE18)/
(LAMIER8)
[R/W] B,H,W
-------- *3
TBYTE08/(LAMRID8)
/
(LAMTID8)
[R/W] B,H,W
00000000
0018ACH
BGR8[R/W] H,W
00000000 00000000
― /(ISMK8)[R/W]
B,H,W
-------- *2
― /(ISBA8)[R/W]
B,H,W
-------- *2
0018B0H
FCR18[R/W]
B,H,W
---00100
FCR08[R/W]
B,H,W
-0000000
FBYTE8[R/W] B,H,W
00000000 00000000
Multi-UART8
0018B4H
FTICR8[R/W] B,H,W
00000000 00000000
―
―



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com