Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LLCPMC Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # MB91F525LLCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LLCPMC Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button MB91F525LLCPMC Datasheet HTML 70Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 71Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 72Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 73Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 74Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 75Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 76Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 77Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 74 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
000FDCH
IPCP6 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
Input
Capture 6,7
32-bit ICU
000FE0H
IPCP7 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
000FE4H
―
―
―
ICS67 [R/W] B,H,W
00000000
000FE8H
IPCP8 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
Input
Capture 8,9
32-bit ICU
000FECH
IPCP9 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
000FF0H
―
―
―
ICS89 [R/W] B,H,W
00000000
000FF4H
MSCY8 [R] H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
Input
Capture 8,9
32-bit ICU
Cycle measurement data
register 89
000FF8H
MSCY9 [R] H,W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
000FFCH
―
―
MSCH89 [R] B,H,W
00000000
MSCL89 [R/W]
B,H,W
------00
Cycle and pulse width
measurement control 89
001000H
SACR [R/W] B,H,W
-------0
PICD [R/W] B,H,W
----0011
―
―
Clock Control
001004H
to
00112CH
―
―
―
―
Reserved
001130H
―
―
―
CRCCR [R/W] B,H,W
-0000000
CRC calculation unit
001134H
CRCINIT [R/W] B,H,W
11111111 11111111 11111111 11111111
001138H
CRCIN [R/W] B,H,W
00000000 00000000 00000000 00000000
00113CH
CRCR [R] B,H,W
11111111 11111111 11111111 11111111
001140H
to
0011FCH
―
―
―
―
Reserved
001200H
TCGS [R/W] B,H,W
------00
―
―
TCGSE [R/W] B,H,W
-----000
16-bit Free-run timer
synchronous activation
001204H
CPCLRB0/CPCLR0 [W] H,W
11111111 11111111
TCDT0 [R/W] H,W
00000000 00000000
16-bit Free-run Timer 0
001208H
TCCS0 [R/W] B,H,W
00000000 01000000 ----0000 --------
00120CH
CPCLRB1/CPCLR1 [W] H,W
11111111 11111111
TCDT1 [R/W] H,W
00000000 00000000
16-bit Free-run Timer 1
001210H
TCCS1 [R/W] B,H,W
00000000 01000000 ----0000 --------
001214H
CPCLRB2/CPCLR2 [W] H,W
11111111 11111111
TCDT2 [R/W] H,W
00000000 00000000
16-bit Free-run Timer 2
001218H
TCCS2 [R/W] B,H,W
00000000 01000000 ----0000 --------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com