Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LLCPMC Datasheet(PDF) 190 Page - Cypress Semiconductor

Part # MB91F525LLCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LLCPMC Datasheet(HTML) 190 Page - Cypress Semiconductor

Back Button MB91F525LLCPMC Datasheet HTML 186Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 187Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 188Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 189Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 190Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 191Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 192Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 193Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 194Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 190 of 280
MB91520 Series
(3) Notes on Using A/D Converter
<About the output impedance of the analog input of external circuit>
When the external impedance is too high, the sampling period for analog voltages may not be sufficient. In this case, it is
recommended to connect the capacitor (approx. 0.1 μF) to the analog input pin.
Analog input circuit model
R
C
12-bit A/D
1.9 k
Ω (Max)
8.30 pF (Max)
(4.5 V
≤ AVCC ≤ 5.5 V)
4.3 k
Ω (Max)
8.30 pF (Max)
(3.0 V
≤ AVCC ≤ 3.6 V)
Note: Listed values must be considered as reference values.
R
C
Analog input
Comparator
During sampling: ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com