Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LLCPMC Datasheet(PDF) 266 Page - Cypress Semiconductor

Part # MB91F525LLCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LLCPMC Datasheet(HTML) 266 Page - Cypress Semiconductor

Back Button MB91F525LLCPMC Datasheet HTML 262Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 263Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 264Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 265Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 266Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 267Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 268Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 269Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 270Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 266 of 280
MB91520 Series
Page
Section
Change Results
131
■Interrupt Vector Table
"42" is deleted as shown below from the interrupt factor in Interrupt vector
120pin.
(Error)
PPG2/3/12/13/22
/23/32/33/42/43
41
29
ICR
25
358
H
000F
FF58
H
25
*3
16-bit free-run
timer 2 (0
detection) /
(compare clear)
(Correct)
PPG2/3/12/13/22
/23/32/33/43
41
29
ICR
25
358
H
000F
FF58
H
25
*3
16-bit free-run
timer 2 (0
detection) /
(compare clear)
133
■Interrupt Vector Table
The interrupt factor in Interrupt vector 120pin modified as follows:
(Error)
Base timer 1
IRQ0
61
3D
ICR
45
308
H
000F
FF08
H
45
*5
Base timer 1
IRQ1
−
−
(Correct)
Base timer 1
IRQ0
61
3D
ICR
45
308
H
000F
FF08
H
45
Base timer 1
IRQ1
−
−
133
■Interrupt Vector Table
The following sentence deleted from Interrupt vector 120pins.
(Error)
*5: It does not support the DMA transfer by the interrupt because of the RAM
ECC bit error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com