Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LLCPMC Datasheet(PDF) 276 Page - Cypress Semiconductor

Part # MB91F525LLCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LLCPMC Datasheet(HTML) 276 Page - Cypress Semiconductor

Back Button MB91F525LLCPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 274Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 275Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 276Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 277Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 278Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 279Page - Cypress Semiconductor MB91F525LLCPMC Datasheet HTML 280Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 276 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 276 of 280
MB91520 Series
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
VCC=5.0V±10% Min 25 Max 100 →Min 25 Max 60
VCC=3.3V±0.3V Min
49 Max 140 →Min 33 Max 90
Added the value of " Pull-up resistance RUP3".
Pin name : Port pin other than P035,041,073,074,076,077,093,122
VCC=5.0V±10%
Min 25 Max 100
VCC=3.3V±0.3V Min 45 Max 140
Electrical Characteristics
4. AC characteristics
(4) Multi-function Serial
(4-1) CSIO timing
(4-1-1),(4-1-2),(4-1-3),(4-1-4)
(4-1-1),(4-1-
4)SCK↓⇒SOT delay time t
SLOVI
(4-1-2),(4-1-
3)SCK↑⇒SOT delay time t
SHOVI
Corrected the following description.
Pin name: SCK0 to SCK11
SOT0 to SOT11
Value: Min -30 Max 30
↓
Pin name: SCK0 to SCK2,SCK5 to SCK11
SOT0 to SOT2,SOT5 to SOT11
Value: Min -30 Max 30
Pin name: SCK3,SCK4
SOT3,SOT4
Value: Min -300 Max 300
(4-1-1),(4-1-4)Valid SIN⇒
SCK↑ setup time t
IVSHI
(4-1-2),(4-1-3)Valid SIN⇒
SCK↓ setup time t
IVSLI
Corrected the following description.
Pin name: SCK0 to SCK11
SIN0 to SIN11
Value: Min 34
Max -
↓
Pin name: SCK0 to SCK2,SCK5 to SCK11
SIN0 to SIN2,SIN5 to SIN11
Value: Min 34
Max -
Pin name: SCK3,SCK4,SIN3,SIN4
Value: Min 300 Max
–
(4-1-1),(4-1-4)
SCK↓⇒SOT delay time t
SLOVE
(4-1-2),(4-1-3)
SCK↑⇒SOT delay time t
SHOVE
Corrected the following description.
Pin name: SCK0 to SCK11
SOT0 to SOT11
Value: Min -
Max 33
↓
Pin name: SCK0 to SCK2,SCK5 to SCK11
SOT0 to SOT2,SOT5 to SOT11
Value: Min -
Max 33
Pin name: SCK3,SCK4
SOT3,SOT4
Value: Min - Max 300
(4-1-1),(4-1-2),(4-1-3),(4-1-4)SCK fall time tF
Corrected the following description.
Pin name: SCK0 to SCK2,SCK5 to SCK11
Value: Min -
Max 5
Pin name: SCK3,SCK4
Value: Min -
Max 250
↓
Pin name: SCK0 to SCK11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com