Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS02-R Datasheet(PDF) 28 Page - Broadcom Corporation.

Part # AC101L-DS02-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS02-R Datasheet(HTML) 28 Page - Broadcom Corporation.

Back Button AC101L-DS02-R Datasheet HTML 24Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 28Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 29Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 30Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 31Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 18
TP PHY Register Summary
Document
AC101L-DS06-R
REGISTER 7: AUTO-NEGOTIATION NEXT PAGE TRANSMIT REGISTER
REGISTER 16: BT AND INTERRUPT LEVEL CONTROL REGISTER
6.4
Parallel
Detection Fault
1 = Fault detected by parallel detection logic; this fault is due to
more than one technology detecting a concurrent link-up
condition. This bit can only be cleared by reading register 6,
using the management interface.
0 = No fault detected by parallel detection logic.
RO/LH
0
6.3
Link Partner
Next Page Able
1 = Link partner supports Next Page function.
0 = Link partner does not support Next Page function.
RO
0
6.2
Next Page Able
Next page is supported.
RO
1
6.1
Page Received
This bit is set when a new link code word has been received into
the Auto-Negotiation Link Partner Ability register. This bit is
cleared upon a read of this register.
RC
0
6.0
Link Partner
ANEN-Able
1 = Link partner is auto-negotiation capable.
0 = Link partner is not auto-negotiation capable.
RO
0
Table 12: Register 7: Auto-Negotiation Next Page Transmit Register
Bit
Name
Description
Mode
Default
7.15
NP
1 = Another Next Page desired.
0 = No other Next Page transmit desired.
RW
0
7.14
Reserved
–
RO
0
7.13
MP
1 = Message page.
0 = Unformatted page.
RW
1
7.12
ACK2
1 = Will comply with message.
0 = Cannot comply with message.
RW
0
7.11
TOG_TX
1 = Previous value of transmitted link code word equals to 0.
0 = Previous value of transmitted link code word equals to 1.
RW
0
17.[10:0]
CODE
Message/Unformatted Code field.
RW
001
Table 13: Register 16: BT and Interrupt Level Control Register
Bit
Name
Description
Mode
Default
16.15
Repeater
1 = Repeater mode. Full-duplex is inactive, and CRS only
responds to receive activity. SQE test function is disabled.
RW
Set by
Repeater
16.14
Reserved
-
RW
0
16.13
TXJAM
1 = Forces CIM to send JAM pattern.
0 = Normal operation.
RW
0
16.12
Reserved
-
RO
1
16.11
SQE Test
Inhibit
1 = Disable 10BASE-T SQE testing.
0 = Enable 10BASE-T SQE testing, which generates a COL
pulse following the completion of a packet transmission.
RW
0
16.[10:6]
Reserved
–
RO
0
Table 11: Register 6: Auto-Negotiation Expansion Register (Cont.)
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com