Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS02-R Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # AC101L-DS02-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS02-R Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button AC101L-DS02-R Datasheet HTML 7Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 8Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 9Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 10Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 11Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 12Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 13Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Functional Description
Page 1
Secti on 1: Fu nction al Descri p ti on
The AC101L is a single-chip, Fast Ethernet transceiver. It performs all of the physical layer interface functions for
100BASE-TX full-duplex or half-duplex on Category 5 twisted-pair cable, and 10BASE-T full-duplex or half-duplex on
Category 3 cable. It can be configured for 100BASE-FX full- or half-duplex transmission over fiber-optic cable when paired
with an external fiber-optic line driver and receiver.
The chip performs 4B5B, MLT3, NRZI, encoder/decoder, link monitor, auto-negotiation selection, adaptive equalization,
clock/data recovery, baseline wander correction, multimode transmitter, scrambler/descrambler, far-end fault (FEF), and
auto-MDI/MDIX. It can be connected to a MAC switch controller through the MII on one side and directly to the media on the
other side through a transformer for twisted-pair (TP) mode, or fiber-optic module for FX mode. It is fully compliant with the
IEEE 802.3 and 803.3u standards.
ENCODER/DECODER
In 100BASE-TX and 100BASE-FX modes, the AC101L transmits and receives data stream on twisted-pair or fiber-optic
cable. When the MII transmit enable is asserted, nibble wide (4-bit) data from transmit data pins is encoded into 5-bit code
groups and inserted into transmit data stream. The 4B/5B encoding is shown in Section 6: “4B/5B Code Group” on page 26.
The transmit packet is encapsulated by replacing the first 2 nibbles of preamble with a start of stream delimiter (J/K codes)
and appending an end of stream delimiter (T/R codes) to the end of packet. When the MII transmit error input is asserted
during a packet, the error code group (H) is sent in place of the corresponding data code group. The transmitter sends
repeatedly the idle code group between packets.
In 100BASE-TX mode, the encode data stream is first scrambled by a stream cipher block and then serialized and encoded
into an MLT3 signal level. Second, a multimode transmit DAC (digital to analog converter) is used to drive the MLT3 data
onto twisted-pair cable. Following baseline wander correction, adaptive equalization and clock/data recovery in 100BASE-
TX mode, the receive data stream is converted from MLT3 to serial NRZ data. The NRZ data are descrambled by the stream
cipher block and then deserialized and aligned into 5-bit code groups.
In 100BASE-FX mode, the scrambling function is bypassed and the data are NRZII-encoded. The multi mode transmit DAC
drives differential Positive ECL (PECL) levels to an external fiber-optic transmitter. Baseline wander correction, adaptive
equalization, stream cipher descrambling functions are bypassed and NRZI decoding is used instead of MLT3.
The 5-bit code groups are decoded into 4-bit data nibbles. The start of stream delimiter is replaced with preamble nibbles
and the end of stream delimiter and idle codes are replaced with all zeros. The decoded data are driven onto the MII receive
data pins. When an invalid code group or bad SSD is detected in the data stream, the AC101L asserts the MII RXER signal.
In 10BASE-T mode, Manchester encoding and decoding is performed on the data stream. The multi mode transmit DAC
performs pre-equalization for 100 meters of Category 3 cable.
LINK MONITOR
In 100BASE-TX mode, receive signal energy is detected by monitoring the receive pair for transitions in the signal level. The
signal levels are qualified using squelch detect circuits. When no signal or certain valid signal is detected on the receive pair
for a minimum period of time, the link monitor enters the link pass state, and the transmit and receive functions are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com