Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS02-R Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # AC101L-DS02-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS02-R Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button AC101L-DS02-R Datasheet HTML 12Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 13Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 15Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 16Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 17Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 18Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 19Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 20Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 6
MAC Interface
Document
AC101L-DS06-R
MAC INTERFACE
MII
The Media Independent Interface (MII) is an 18-wire MAC/PHY interface described in IEEE 802.3u. The purpose of the
interface is to allow MAC layer devices to attach to a variety of physical layer devices through a common interface. MII
operates at either 100 Mbps or 10 Mbps, depending on the speed of the physical layer. With clocks running at either 25 MHz
or 2.5 MHz, 4-bit data are clocked between the MAC and PHY, synchronously with Enable and Error signals.
At the time of PLL lock on an incoming signal from the wire interface, the PHY generates RX_CLK at either 2.5 MHz for
10 Mbps or 25 MHz for 100 Mbps.
On receipt of valid data from the wire interface, RXDV goes active signaling the MAC that valid data will be presented on the
RXD[3:0] pins at the speed of the RX_CLK.
On transmission of data from the MAC, TXEN is presented to the PHY, indicating the presence of valid data on TXD[3:0].
TXD[3:0] are sampled by the PHY( synchronous to TX_CLK) during the time that TXEN is valid.
SMI
The PHYs internal registers are accessible only through the MII 2-wire Serial Management Interface (SMI). MDC is a clock
input to the PHY, which is used to latch in or out data and instructions for the PHY. The clock can run at any speed from DC
to 25 MHz. MDIO is a bidirectional connection used to write instructions to, write data to, or read data from the PHY. Each
data bit is latched either in or out on the rising edge of the MDC. The MDC is not required to maintain any speed or duty
cycle, provided no half cycle is less than 20 ns, and that data are presented synchronous to the MDC.
MDC/MDIO are a common signal pair to all PHYs on a design. Therefore, each PHY needs to have its own unique physical
address. The physical address of the PHY is set using the pins defined as PHYAD[4:0]. These input signals are strapped
externally, and are sampled as reset is negated. At idle, the PHY is responsible to pull the MDIO line to a high state.
Therefore, a 1 k
Ω resistor is required to connect the MDIO line to VCC.
PHYSICAL LAYER INTERFACES
The two supported interfaces are the twisted-pair (TP) interface with auto-MDI/MDIX selection, and the fiber-optic Interface
with PECL signaling.
The selection of these two interfaces is performed at reset time by the SD/FXEN signal (pin 28). Pull pin 28 LOW to enable
the TP interface, or connect pin 28 to the fiber module to enable FX interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com