Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS02-R Datasheet(PDF) 31 Page - Broadcom Corporation.

Part # AC101L-DS02-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS02-R Datasheet(HTML) 31 Page - Broadcom Corporation.

Back Button AC101L-DS02-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 28Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 29Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 30Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 31Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 32Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 33Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 34Page - Broadcom Corporation. AC101L-DS02-R Datasheet HTML 35Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
TP PHY Register Summary
Page 21
REGISTER 21: RECEIVE ERROR COUNTER
REGISTER 22: POWER MANAGEMENT REGISTER
REGISTER 23: OPERATION MODE REGISTER
Table 18: Register 21: Receive Error Counter
Bit
Name
Description
Mode
Default
21.[15:0]
RXER Counter
Counts Receive Error events.
RO
0
Table 19: Register 22: Power Management Register
Bit
Name
Description
Mode
Default
22.[15:14]
Reserved
–
RO
00
22.13
PD_PLL
1 = PLL circuit powers down.
RO
X
22.12
PD_EQUAL
1 = Equalizer circuit powers down.
RO
X
22.11
PD_BT_RCVR
1 = 10BASE-T receiver powers down.
RO
X
22.10
PD_LP
1 = Link pulse receiver powers down.
RO
X
22.9
PD_EN_DET
1 = Energy-detect circuit powers down.
RO
X
22.8
PD_FX
1 = FX circuit powers down.
RO
X
22.[7:6]
Reserved
–
RW
00
22.5
MSK_PLL
0 = Forces PLL circuit to power up.
1 = PLL circuit auto power-down.
RW
1
22.4
MSK_EQUAL
0 = Forces equalizer circuit to power up.
RW
X
22.3
MSK_BT_RCVR
0 = Forces 10BASE-T receiver to power up.
RW
X
22.2
MSK_LP
0 = Forces link pulse receiver to power up.
RW
X
22.1
MSK_EN_DET
0 = Forces energy-detect circuit to power up.
RW
X
22.0
MSK_FX
0 = Forces FX circuit to power up.
RW
X
Table 20: Register 23: Operation Mode Register
Bit
Name
Description
Mode
Default
23.[15:14]
Reserved
–
23.13
Clk_rclk_save
1 = Sets rclk save mode. Rclk shuts off after 64 cycles of each
packet.
0
23.12
Reserved
–
23.11
Scramble
Disable
1 = Disables scrambler.
0 = Enables scrambler.
RW
0
23.10
Reserved
–
RW
0
23.9
Pcsbp
1 = Enables PCS bypass mode.
0 = Disables PCS bypass mode.
RW
0
23:8
Reserved
–
RW
0
23.7
Auto-MDIX
disable
0 = Auto-MDIX mode.
1 = Disable Auto-MDIX mode.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com