Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL2100-DS00-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 14
100Base Fiber PHY
Document
AL2100-DS01-405-R
100BASE FIBER PHY
The AL2100 includes a fiber PHY. It can transmit and receive data over fiber-optic cable when paired with an external fiber-
optic line driver and receiver. In FX mode, the receive data stream differential PECL level is sampled from the fiber-optic
receiver. NRZI decoding is used instead of MLT3. Baseline wander, adaptive equalization, and stream cipher descrambler
functions are bypassed.
ENCODER/DECODER
.
The decoded data is driven onto the MII receive data pins. When an invalid code group is detected in the data stream, the
fiber PHY asserts the MII RXER signal. The fiber PHY also asserts RXER for several other error conditions that improperly
terminate the data stream. While RXER is asserted, the receive data pins are driven with 4-bit code, indicating the type of
error detected. The error codes are listed in Table 42 on page 31.
LINK MONITOR
In 100Base-FX mode, the external fiber-optic receiver performs the signal energy detection function, and communicates this
information directly to the SD signal, pin 4.
CLOCK RECOVERY
The digital clock recovery creates all internal transmit and receive clocks. The transmit clock is locked to the 25 Mhz clock
input, while the receive clock is lock to the incoming data stream. The clock recovery circuit optimized to MLT3, NRZI. The
input data stream is sampled by the recovery clock, and fed synchronously to the adaptive equalizer.
TRANSMITTER
Serialized data bypasses the scrambler and 4B/5B encoder in FX mode. The output data is from the NRZI PECL signals.
The PECL level signals are used to drive the fiber-transmitter.
FAR END FAULT (FEF)
Auto-negotiation provides the mechanism to inform the link partner that a remote fault has occurred. However, auto-
negotiation is disabled in 100Base-FX applications. An alternative in-band signaling function (FEFI) is used to signal a
remote fault condition.
FEFI is a stream of 84 consecutive 1s followed by one logic 0. This pattern is repeated three times.
A FEFI signals only under the following conditions:
•
When no activity is received from the link partner
•
When the clock recovery circuit detects a signal error or PLL lock error
•
When the management entity sets the transmit FEF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com