Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL2100-DS00-R Datasheet(PDF) 27 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 27 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 31Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100base-Tx PHY Registers
Page 19
AUTO-NEGOTIATION ADVERTISEMENT REGISTER
AUTO-NEGOTIATION LINK PARTNER ABILITY REGISTER/LINK PARTNER NEXT PAGE MESSAGE
Table 10: Register 4: Auto-Negotiation Advertisement Register Bit Description
Bit
Name
Description
Mode Default
15
Next Page
1 = Next Page enabled.
0 = Next Page disabled.
RW
0
14
Acknowledge
This bit is set internally after receiving three consecutive
and consistent FLP bursts.
RO
0
13:11
Reserved
10
FDFC
Full-Duplex Flow Control
1 = Advertise that the DTE (MAC) has implemented both
the optional MAC control sublayer and the pause
function as specified in Clause 31 and Annex 31B of
802.3u.
0 = MAC does not support flow control.
9
100Base-T4
Technology not supported. This bit always 0
RO
0
8
100Base-TX Full
Duplex
1 = 100BaseTX full-duplex capable.
0 = Not 100BaseTX full-duplex capable.
RW
set by DUPLEX
pin
7
100Base-TX
1 = 100BaseTX half-duplex capable.
0 = Not TX half-duplex capable.
RW
set by DUPLEX
pin
6
10Base-T Full Duplex
1 = 10BaseT full-duplex capable.
0 = Not 10BaseT full-duplex capable.
RW
0
5
10Base-T
1 = 10BaseT half-duplex capable.
0 = Not 10BaseT half-duplex capable.
RW
0
4:0
Selector Field
Protocol Selection [00001] = IEEE 802.3.
RO
00001
Table 11: Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message Bit
Description
Bit
Name
Description
Mode
Default
15
Next Page
1 = Link partner desires Next Page transfer.
0 = Link partner does not desire Next Page transfer.
RO
0
14
Acknowledge
1 = Link Partner acknowledges reception of FLP words.
0 = Not acknowledged by Link Partner.
RO
0
13:10
Reserved
9
100Base-T4
1 = 100BaseT4 supported by Link Partner.
0 = 100BaseT4 not supported by Link Partner.
RO
0
8
100Base-TX
Full Duplex
1 = 100BaseTX full-duplex supported by Link Partner.
0 = 100BaseTX full-duplex not supported by Link Partner.
RO
0
7
100Base-TX
1 = 100BaseTX half-duplex supported by Link Partner.
0 = 100BaseTX half-duplex not supported by Link Partner.
RO
0
6
10Base-T Full
Duplex
1 = 10Mbps full-duplex supported by Link Partner.
0 = 10Mbps full-duplex not supported by Link Partner.
RO
0
5
10Base-T
1 = 10Mbps half-duplex supported by Link Partner.
0 = 10Mbps half-duplex not supported by Link Partner.
RO
0
4:0
Selector Field
Protocol Selection [00001] = IEEE 802.3.
RO
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com