Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL2100-DS00-R Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100Base-Twisted Pair PHY
Page 13
BASELINE WANDER CORRECTION
A 100Base-TX data stream is not always DC balanced because the receive signal must pass through a transformer. The
DC offset of the differential receive input can wander. This effect, known as baseline wander, can greatly reduce the noise
immunity of the receiver. The 100Base-TX PHY automatically compensates for baseline wander by removing the DC offset
from the input signal, and thereby significantly reduces the chance of a receive symbol error.
MULTI MODE TRANSMITTER
The multimode transmitter transmits MLT3 coded symbols in100Base-TX mode, NRZI coded symbols in 100Base-FX mode.
It uses a current drive output, which is well balanced, and produces very low noise transmit signals. PECL voltage levels are
produced with resistive terminations in 100base-FX mode.
STREAM CIPHER SCRAMBLER/DESCRAMBLER
In 100Base-TX mode, the transmit data stream is scrambled to reduce radiated emissions on the twisted pair cable. The
data is scrambled by exclusive ORing the NRZ signal with the output of an 11-bit wide linear feed back shift register (LFSR),
which produces a 2047-bit non repeating sequence. The scrambler reduces peak emission by randomly spreading the signal
energy over the transmit frequency range, and eliminating peaks at certain frequencies.
The receiver descrambles the incoming data stream by exclusive ORing it with the same sequence generated at the
transmitter. The descrambler detects the state of transmit LFSR by looking for a sequence representing consecutive idle
codes. The descrambler locks to the scrambler state after detecting a sufficient number of consecutive idle code groups.
The receiver does not attempt to decode the data stream unless the descrambler is locked. When locked, the descrambler
continuously monitors the data stream to make sure that it has not lost synchronization.
The receive data stream is expected to contain interpacket idle periods. If the descrambler does not detect enough idle code
within 724
µs, it becomes unlocked, and the receive decoder is disabled. The descrambler is always forced into the unlock
state when a link failure condition is detected.
HP-AUTO MDI/MDIX
This feature detects the required cable connection type straight through or crossed over, and makes corrections
automatically.
Note
The baseline wander circuit is not required in 100Base-FX PHY.
Note
The stream cipher descrambler is not used in the 100Base-FX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com