Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL2100-DS00-R Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 3Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 4Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
List of Tables
Page v
LIST OF TABLES
Table 1: Pin Descriptions.................................................................................................................................... 2
Table 2: LED Formats ........................................................................................................................................ 9
Table 3: Events for LED Operation................................................................................................................... 10
Table 4: SPD100 0 Settings ............................................................................................................................. 12
Table 5: Registers 0 through 31 ....................................................................................................................... 16
Table 6: Register 0: Control Register Bit Description ....................................................................................... 17
Table 7: Register 1: Status Register Bit Description ........................................................................................ 17
Table 8: Register 2: PHY Identifier 1 Register Bit Description ......................................................................... 18
Table 9: Register 3: PHY Identifier 2 Register Bit Description ......................................................................... 18
Table 10: Register 4: Auto-Negotiation Advertisement Register Bit Description .............................................. 19
Table 11: Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message Bit
Description ....................................................................................................................................... 19
Table 12: Register 6: Auto-Negotiation Expansion Register Bit Description .................................................... 20
Table 13: Register 7: Auto-Negotiation Next Page Transmit Register Bit Description ..................................... 20
Table 14: Register 18: Diagnostic Register Bit Description .............................................................................. 21
Table 15: Register 19: Power/Loopback Register Bit Description .................................................................... 21
Table 16: Register 20: Cable Measurement Capability Register Bit Description ............................................. 21
Table 17: Register 21: Receive Error Counter Bit Description ......................................................................... 22
Table 18: Register 22: Power Management Register Bit Description .............................................................. 22
Table 19: Register 23: Operation Mode Register Bit Description ..................................................................... 23
Table 20: Register 24: CRC for Recent Received Packet Bit Description........................................................ 23
Table 21: 100Base-FX PHY Registers ............................................................................................................. 24
Table 22: Register 0: Control Register Bit Description ..................................................................................... 24
Table 23: Register 1: Status Register Bit Description ...................................................................................... 25
Table 24: Register 2: PHY Identifier 1 Register Bit Description ....................................................................... 25
Table 25: Register 3: PHY Identifier 2 Register Bit Description ....................................................................... 26
Table 26: Register 21: Receive Error Counter Bit Description ......................................................................... 26
Table 27: Register 22: Power Management Register Bit Description .............................................................. 26
Table 28: Register 23: Operation Mode Register Bit Description ..................................................................... 27
Table 29: Register 24: CRC for Recent Received Packet Bit Description........................................................ 27
Table 30: Common Register 0: Mode Control Register (Map to TP_PHY, Reg. 28) Bit Description ............... 27
Table 31: Common Register 4: LED Blink Rate (Map to TP_Phy, Reg. 29, Page 1 a28 [15:12] = 0001) Bit
Description ....................................................................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com