Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS00-R Datasheet(PDF) 44 Page - Broadcom Corporation.

Part # 5222-DS00-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS00-R Datasheet(HTML) 44 Page - Broadcom Corporation.

Back Button 5222-DS00-R Datasheet HTML 40Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 41Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 42Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 43Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 44Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 45Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 46Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 47Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 48Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 32
100BASE-TX False Carrier Sense Counter
Document 5222-DS02-405-R
100BASE-TX FALSE CARRIER SENSE COUNTER
FALSE CARRIER SENSE COUNTER [7:0]
This counter increments each time the BCM5222 detects a false carrier on the receive input. This counter automatically
clears itself when read. When the counter reaches its maximum value, FFh, it stops counting False Carrier Sense Errors
until cleared.
AUXILIARY CONTROL/STATUS REGISTER
The Auxiliary Control/Status register bit descriptions are shown in Table 19.
Table 18: 100BASE-TX False Carrier Sense Counter (Address 19d, 13h)
Bit
Name
R/W
Description
Default
15:8
Reserved
RO
Ignore these bits
00h
7:0
False Carrier Sense Counter
[7:0]
R/W
Number of false carrier sense events since last read
00h
Table 19: Auxiliary Control/Status Register (Address 11000b, 24d, 18h)
Bit
Name
R/W
Description
Default
15
Jabber Disable
R/W
1 = Jabber function disabled
0 = Jabber function enabled
0
14
Force Link
R/W
1 = Force link pass
0 = Normal link operation
0
13:9
Reserved
RO
Ignore when read
000000
8
10M Transmit Power Mode
R/W
1 = 10BASE-T Full Power Mode
0 = 10BASE-T Low Power Mode
0
7:6
HSQ : LSQ
R/W
These two bits define the squelch mode of the
10BASE-T Carrier Sense mechanism
00 = Normal Squelch
01 = Low Squelch
10 = High Squelch
11 = Not Allowed
00
5:4
Edge Rate [1:0]
R/W
00 = 1 ns
01 = 2 ns
10 = 3 ns
11 = 4 ns
11
3
Auto-Negotiation Indication
RO
1 = Auto-negotiation activated
0 = Speed forced manually
ANEN Pin
2
Force 100/10 Indication
RO
1 = Speed forced to 100BASE-TX
0 = Speed forced to 10BASE-T
1
Speed Indication
RO
1 = 100BASE-TX
0 = 10BASE-T
0
Full-Duplex Indication
RO
1 = Full-duplex active
0 = Full-duplex not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com