Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS00-R Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # 5222-DS00-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS00-R Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button 5222-DS00-R Datasheet HTML 9Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 10Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 11Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 12Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 13Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 14Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 15Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 16Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Functional Description
Page 1
Section 1: Functional Description
OVERVIEW
The BCM5222 is a dual-port, single-chip Fast Ethernet transceiver. It performs all of the physical layer interface functions
for 100BASE-TX full-or half-duplex Ethernet on CAT 5 twisted pair cable and 10BASE-T full-or half-duplex Ethernet on CAT
3, 4, or 5 cable.
The chip performs 4B5B, MLT3, NRZI, and Manchester encoding and decoding, clock and data recovery, stream cipher
scrambling/descrambling, digital adaptive equalization, line transmission, carrier sense and link integrity monitor, auto-
negotiation and Media Independent Interface (MII) management functions. Each of the two PHYs in the BCM5222 can be
connected to a MAC switch controller through the MII on one side, and can connect directly to the network media on the
other side (through isolation transformers for unshielded twisted pair (UTP)). The BCM5222 is fully compliant with the IEEE
802.3 and 802.3u standards.
ENCODER/DECODER
In 100BASE-TX mode, the BCM5222 transmits and receives a continuous data stream on twisted-pair cable. When the MII
transmit enable is asserted, nibble-wide (4-bit) data from the transmit data pins is encoded into 5-bit code groups and
inserted into the transmit data stream. The 4B5B encoding is shown in Table 1 on page 4. The transmit packet is
encapsulated by replacing the first 2 nibbles of preamble with a start of stream delimiter (J/K codes) and appending an end
of stream delimiter (T/R codes) to the end of the packet. When the MII transmit error input is asserted during a packet, the
transmit error code group (H) is sent in place of the corresponding data code group. The transmitter repeatedly sends the
idle code group between packets.
In 100BASE-TX mode, the encoded data stream is scrambled by a stream cipher block and then serialized and encoded
into MLT3 signal levels. A multi-mode transmit DAC is used to drive the MLT3 data onto the twisted pair cable.
Following baseline wander correction, adaptive equalization, and clock recovery in 100BASE-TX mode, the receive data
stream is converted from MLT3 to serial NRZ data. The NRZ data is descrambled by the stream cipher block and then
deserialized and aligned into 5-bit code groups.
The 5-bit code groups are decoded into 4-bit data nibbles, as shown in Table 1. The start of stream delimiter is replaced with
preamble nibbles and the end of stream delimiter and idle codes are replaced with all zeros. The decoded data is driven onto
the MII receive data pins. When an invalid code group is detected in the data stream, the BCM5222 asserts the MII RXER
signal. The chip also asserts RXER for several other error conditions that improperly terminate the data stream. While RXER
is asserted, the receive data pins are driven with a 4-bit code indicating the type of error detected. The error codes are listed
in Table 2 on page 5.
In 10BASE-T mode, Manchester encoding and decoding is performed on the data stream. The multimode transmit DAC
performs pre-equalization for 100 meters of CAT 3 cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com