Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS00-R Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # 5222-DS00-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS00-R Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button 5222-DS00-R Datasheet HTML 14Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 15Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 16Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 17Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 18Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 19Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 20Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 21Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 22Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 6
Hardware Signal Definitions
Document 5222-DS02-405-R
Section 2: Hardware Signal Definitions
Table 3 provides the pin descriptions for the BCM5222 BGA and MQFP packages.
Table 3: Pin Descriptions
BGA
MQFP
Pin Label
Type
Description
MEDIA CONNECTIONS
K5, K6
K4, K7
38, 44
37, 45
RD+{2}, RD+{1}
RD
−{2}, RD-{1}
I/O
Receive Pair. Differential data from the media is received on
the RD
± signal pair. This pair will function as TX± in the MDIX
configuration.
K2, K9
K3, K8
35, 47
36, 46
TD+{2}, TD+{1}
TD
−{2}, TD-{1}
I/O
Transmit Pair. Differential data is transmitted to the media on
the TD
± signal pair. This pair will function as RX± in the MDIX
configuration.
CLOCK
H3, H4
33
32
XTALI
XTALO
I/O
Crystal Input, Output. A continuous 25 MHz reference clock
must be supplied to the BCM5222 by connecting a 25 MHz
crystal between these two pins or by driving XTALI with an
external 25 MHz clock. When using a crystal, connect a
loading capacitor from each pin to ground. When using an
oscillator, leave XTALO unconnected.
MII INTERFACE
A2, C7
97, 84
TXC{2}, TXC{1}
O3S
Transmit Clock. 25-MHz output in 100BASE-TX mode and
2.5 MHz in 10BASE-T MII mode. 10-MHz output in 10BASE-
T serial mode. This clock is a continuously driven output,
generated from the XTALI input.
D5, A8
A3, B7
D6, A7
A4, C6
96, 85
95, 86
94, 87
93, 88
TXD3{2}, TXD3{1}
TXD2{2}, TXD2{1}
TXD1{2}, TXD1{1}
TXD0{2}, TXD0{1}
IPD
MII Transmit Data Input. Nibble-wide transmit data stream is
input on these pins synchronous with TXC. TXD3 is the most
significant bit. Only TXD0 is used in 10BASE-T serial mode.
C5, A9
98, 83
TXEN{2}, TXEN{1}
IPD
MII Transmit Enable. Active high. Indicates that the data
nibble on TXD[3:0] is valid.
G8, E10
62, 65
TDI/TXER{2}, TMS/
TXER{1}
IPD
MII Transmit Error. An active high input is asserted when a
transmit error condition is requested by the MAC.
C2, D9
8, 73
RXC{2}, RXC{1}
O3S
MII Receive Clock. 25-MHz output in 100BASE-TX MII mode
and 2.5-MHz output in 10BASE-T MII mode. 10-MHz output
in 10BASE-T serial mode. This clock is recovered from the
incoming data on the cable inputs. RXC is a continuously
running output clock resynchronized at the start of each
incoming packet. This synchronization may result in an
elongated period during one cycle while RXDV is low.
A1, D7
B2, A10
C3, C9
B1, D8
2, 79
3, 78
4, 77
5, 76
RXD3{2}, RXD3{1}
RXD2{2}, RXD2{1}
RXD1{2}, RXD1{1}
RXD0{2}, RXD0{1}
O3S
MII Receive Data Outputs. Nibble-wide receive data stream
is driven out on these pins synchronous with RXC. RXD3 is
the most significant bit. Only RXD0 is used in 10BASE-T
serial mode.
D4, B10
6, 75
RXDV{2}, RXDV{1}
O3S
MII Receive Data Valid. Active high. Indicates that a receive
frame is in progress, and that the data stream present on the
RXD output pins is valid.
[MSB:LSB]; OVERLINE = active-low signal, I = input, O = output, I/O = bidirectional, IPU = input w/ internal pull-up, OOD
= open-drain output, O3S = three-state output, B = Bias, PWR = power supply, GND = ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com