Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS00-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # 5222-DS00-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS00-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  5222-DS00-R Datasheet HTML 1Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 2Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 3Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 4Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 5Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 6Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 7Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 8Page - Broadcom Corporation. 5222-DS00-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
5222-DS02-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, CA 92619-7013 • Phone: 949-450-8700 • Fax: 949-450-8710
7/20/04
Preliminary Data Sheet
BCM5222
Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
Figure 1: Functional Block Diagram
GENERAL DESCRIPTION
FEATURES
The BCM5222 is a dual-port, low-power, 10/100BASE-
TX transceiver targeting a number of applications
requiring intelligent power management and robust
network tolerance. The BCM5222 operates using a 1.8V
and 3.3V supply. The devices contain two full-duplex
10BASE-T/100BASE-TX Fast Ethernet transceivers,
which perform all of the physical layer interface functions
for 10BASE-T Ethernet on CAT 3, 4, and 5 unshielded
twisted pair (UTP) cable and 100BASE-TX Fast Ethernet
on CAT 5 UTP cable.
The BCM5222 is a highly integrated solution combining
a digital adaptive equalizer, ADC, phase lock loop, line
driver, encoder, decoder and all the required support
circuitry into a single monolithic CMOS chip. It complies
fully with the IEEE 802.3u specification, including the
Media Independent Interface (MII) and Auto-Negotiation
subsections.
The effective use of digital technology in the BCM5222
design results in robust performance over a broad range
of operating scenarios. Problems inherent to mixed-
signal implementations, such as analog offset and on-
chip noise, are eliminated by employing field proven
digital adaptive equalization and digital clock recovery
techniques.
•
Dual Port 10/100BASE-TX IEEE 802.3u Fast
Ethernet Transceiver
•
Power Consumption: <180 mW/port
•
Unique Energy Detection Circuit to Enable Intelligent
Power Management
•
HP Auto-MDIX
•
Cable Length Indication
•
Cable Noise Level Indication
•
Cable length greater than 140 meters
•
Well Under 10 PPM defect ratio quality
•
Industrial Temperature Range (-40 to 85C)
•
MII/7-wire serial interface
•
IEEE 1149.1 (JTAG) Scan Chain Support
•
MII Management Via Serial Port
•
100-pin PQFP and 100-pin fpBGA packages
APPLICATIONS
•
IP Phones
•
Backplane Bus Communication
•
Embedded Telecom
•
Print Servers
MII
MII
Equalizer
Auto-Negotiation
LED
Clock
Bias
Registers
Mgmt
Control
Correction
/Link Integrity
Generator
Generator
Wander
Baseline
TXD[1:2]
TXEN[1:2]
TXER[1:2]
TXC[1:2]
COL[1:2]
RXC[1:2]
CRS[1:2]
RXDV[1:2]
RXER[1:2]
RXD[1:2]
LNKLED#[1:2]
MDC
MDIO
MODES
TD
±[1:2]
RD
±[1:2]
XTALO
Recovery
Xmt DAC
ADC
SPDLED#[1:2]
Multimode
Digital
Adaptive
10BASE-T
PCS
100BASE-TX
PCS
Drivers
Clock
XTALI
RDAC
ACTLED#[1:2]
Detection
CRS/Link
4
4
JTAG
Test Logic
JTAG
5
Auto
MDIX
FDXLED#[1:2]


Similar Part No. - 5222-DS00-R

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
5222-44.736M CONNOR-WINFIELD-5222-44.736M Datasheet
96Kb / 2P
2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
More results

Similar Description - 5222-DS00-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78Q2120-64 ETC-78Q2120-64 Datasheet
200Kb / 33P
10/100BASE-TX Ethernet Transceiver
logo
Broadcom Corporation.
BCM5222 BOARDCOM-BCM5222 Datasheet
117Kb / 1P
10/100BASE-TX DUAL-PORT DIGI-PHYTM TRANSCEIVER
BCM5222 BOARDCOM-BCM5222_04 Datasheet
122Kb / 2P
10/100BASE-TX DUAL-PORT DIGI-PHY TRANSCEIVER
logo
XFMRS Inc.
XFATM8Q3 XFMRS-XFATM8Q3 Datasheet
83Kb / 1P
Dual Port 10/100BASE-TX Module
XFATM8Q11 XFMRS-XFATM8Q11 Datasheet
84Kb / 1P
Dual Port 10/100BASE-TX Module
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
10/100BASE-TX Transceiver
78Q2123 TERIDIAN-78Q2123 Datasheet
737Kb / 42P
10/100BASE-TX Transceiver
logo
XFMRS Inc.
XFATM8Q3 XFMRS-XFATM8Q3_10 Datasheet
94Kb / 1P
Dual port 10/100BASE-TX Module
XFATM8Q3A XFMRS-XFATM8Q3A Datasheet
54Kb / 1P
DUAL PORT 10/100BASE-TX MODULE
logo
API Technologies Corp
7248 APITECH-7248 Datasheet
319Kb / 1P
10/100Base-TX DUAL PORT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com