Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5233-3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5233-3
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5233-3 Datasheet HTML 2Page - ON Semiconductor CS5233-3 Datasheet HTML 3Page - ON Semiconductor CS5233-3 Datasheet HTML 4Page - ON Semiconductor CS5233-3 Datasheet HTML 5Page - ON Semiconductor CS5233-3 Datasheet HTML 6Page - ON Semiconductor CS5233-3 Datasheet HTML 7Page - ON Semiconductor CS5233-3 Datasheet HTML 8Page - ON Semiconductor CS5233-3 Datasheet HTML 9Page - ON Semiconductor CS5233-3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS5233−3
http://onsemi.com
6
Junction Temperature (
°C)
4.52
4.50
4.48
4.46
120
0
4.38
100
80
60
40
20
4.44
4.42
4.40
VIN
Turn−On
Threshold
VIN
Turn−Off
Threshold
Figure 9. VIN Threshold vs. Junction
Temperature, Typical Minimum and Maximum
Threshold Voltages to Switch AuxDrv Control
Junction Temperature (
°C)
4.5
120
0
4.3
100
80
60
40
20
4.4
VIN = 4.65 V
Figure 10. AuxDrv High Voltage vs. Junction
Temperature
Input Voltage (V)
4.0
0
0
4.0
2.0
2.0
125
°C
4.5
27
°C
0
°C
Figure 11. AuxDrv Voltage vs. Input Voltage
(VSB or VIN) at Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com