Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5233-3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5233-3
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5233-3 Datasheet HTML 1Page - ON Semiconductor CS5233-3 Datasheet HTML 2Page - ON Semiconductor CS5233-3 Datasheet HTML 3Page - ON Semiconductor CS5233-3 Datasheet HTML 4Page - ON Semiconductor CS5233-3 Datasheet HTML 5Page - ON Semiconductor CS5233-3 Datasheet HTML 6Page - ON Semiconductor CS5233-3 Datasheet HTML 7Page - ON Semiconductor CS5233-3 Datasheet HTML 8Page - ON Semiconductor CS5233-3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 6
1
Publication Order Number:
CS5233−3/D
CS5233−3
500 mA and 1.5 A, 3.3 V
Dual Input Linear Regulator
with Auxiliary Control
The CS5233−3 provides a glitch−free 3.3 V output from one of three
possible supplies, (VIN, VSB and 3.3 VAUX). An on−chip linear
regulator powers the output when either VIN or VSB is available.
Otherwise AuxDrv turns on an external PFET, which connects the
3.3 VAUX supply to the output. The CS5233−3 is intended to provide
power to an ASIC on a PCI Network Interface Card (NIC), and meets
Intel’s “Instantly Available” power requirements which follow from
the Advanced Configuration and Power Interface (ACPI) standards.
Other applications include desktop computers, power supplies with
multiple input sources, and PCMCIA interface cards.
The CS5233−3 linear regulator provides a fixed 3.3 V output at up
to 1.5 A with an overall accuracy of
±2%. The internal NPN − PNP
composite pass transistor provides a low dropout voltage and requires
less supply current than a straight PNP design. Full protection with
both current limit and thermal shutdown is provided. Designed for low
reverse current, the IC prevents excessive current from flowing from
VOUT to either VIN or ground when the regulator input voltage is
lower than the output. The auxiliary drive control feature allows the
use of an external PFET to supply power to the output when the
regulator supplies are off.
The CS5233−3 regulator is available in two package types: the 5
Lead D2PAK package (TO−263) and SOIC−8 with 4 Lead Fused
(DF8) package. When powered from the VIN source, the D2PAK−5 is
rated for 1.5 A and the SOIC−8 is rated for 500 mA. Both packages are
rated for 500 mA when only powered from the VSB source.
Features
• Linear Regulator
− 3.3 V
± 2% Output Voltage
− Current Limit
− Thermal Shutdown with Hysteresis
− 400
mA Reverse Current
− ESD Protected
• System Power Management
− Auxiliary Supply Control
− “Glitch Free” Transition Between 3 Sources
− Similar to CS5231−3
• High Output Current Capability
− 1.5 A D2PAK−5
− 500 mA SOIC−8 DF8
• Internally Fused Leads in SOIC−8 Package
http://onsemi.com
PIN CONNECTIONS AND
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
Device
Package
Shipping†
ORDERING INFORMATION
CS5233−3GDP5
D2PAK−5
50 Units/Rail
CS5233−3GDPR5
D2PAK−5
750 Tape & Reel
CS5233−3GDF8
SOIC−8
95 Units/Rail
CS5233−3GDFR8
SOIC−8
2500 Tape & Reel
SOIC−8
D SUFFIX
CASE 751
Pin 1. VSB
2. VIN
3. GND
4. VOUT
5. AuxDrv
D2PAK−5
DP SUFFIX
CASE 936AC
CS5233−3
AWLYWW
1
1
5
GND
AuxDrv
1
8
GND
VOUT
GND
VIN
GND
VSB
1
8
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - CS5233-3

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
Charge Pump
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
ON Semiconductor
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
CS5231-3GDF8 ONSEMI-CS5231-3GDF8 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
CS5231-3GDFR8 ONSEMI-CS5231-3GDFR8 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
More results

Similar Description - CS5233-3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
500 mA Linear Regulator
June, 2006 ??Rev. 3
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com