Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5233-3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5233-3
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5233-3 Datasheet HTML 1Page - ON Semiconductor CS5233-3 Datasheet HTML 2Page - ON Semiconductor CS5233-3 Datasheet HTML 3Page - ON Semiconductor CS5233-3 Datasheet HTML 4Page - ON Semiconductor CS5233-3 Datasheet HTML 5Page - ON Semiconductor CS5233-3 Datasheet HTML 6Page - ON Semiconductor CS5233-3 Datasheet HTML 7Page - ON Semiconductor CS5233-3 Datasheet HTML 8Page - ON Semiconductor CS5233-3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS5233−3
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 150°C; 4.75 V < VIN; VSB < 6.0 V; COUT ≥ 10 mF
with ESR < 1.0
W, IOUT = 10 mA; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Linear Regulator
Ground Current
IOUT = 10 mA
IOUT = 500 mA
IOUT = 1.5 A (Note 4)
−
−
−
2.0
3.0
9.0
3.0
6.0
20
mA
mA
mA
Reverse Current
VSOURCE = 0 V; VOUT = 3.3 V (Note 4)
−
0.4
1.0
mA
Current Limit VIN Input
SOIC−8
D2PAK−5
0 V < VOUT < 3.2 V
VIN > 4.25 V
0.55
1.6
0.8
2.4
1.3
4.5
A
A
Current Limit VSB Input Either
Package
0 V < VOUT < 3.2 V; VIN < 4.25 V; VSB > 4.25 V
0.55
0.8
1.3
A
Thermal Shutdown
(Note 5)
150
180
210
°C
Thermal Shutdown Hysteresis
(Note 5)
−
25
−
°C
Auxiliary Drive
VIN Turn−On Threshold
VSB = 0 V; Ramp VIN up until AuxDrv goes high
and regulator turns on
4.35
4.5
4.65
V
VIN Turn−Off Threshold
VSB = 0 V; Ramp VIN down until AuxDrv goes
low and regulator turns off
4.25
4.4
4.55
V
VSB Turn−On Threshold
VSB = 0 V; Ramp VSB up until AuxDrv goes high
and regulator turns on
4.35
4.5
4.65
V
VSB Turn−Off Threshold
VSB = 0 V; Ramp VSV down until AuxDrv goes
low and regulator turns off
4.25
4.4
4.55
V
Threshold Hysteresis
−
75
100
125
mV
AuxDrv Peak Voltage
VOUT = 0 V; 0 V < VSOURCE < 2.0 V (Note 4)
VOUT = 0 V; IAuxDrv = 100 mA;
2.0 V < VIN < 4.25 V; 2.0 V < VSB < 4.25 V
VOUT = 3.0 V; IAuxDrv = 100 mA;
0 V < VIN < 4.25 V; 0 V < VSB < 4.25 V
−
−
−
0.4
0.1
0.1
1.8
0.4
0.4
V
V
V
AuxDrv High Voltage
VIN or VSB > 4.65 V
3.75
4.0
−
V
AuxDrv Pin Current Limit
VAuxDrv = 1.0 V; VSOURCE = 4.0 (Note 4)
0.5
6.0
25
mA
VAuxDrv Turn−Off Response Time
Step VSOURCE from 4.0 V to 5.0 V (Notes 4, 5)
−
20
40
ms
VAuxDrv Turn−On Response Time
Step VSOURCE from 5.0 V to 4.0 V (Notes 4, 5)
−
1.0
10
ms
Pull−Up Resistance
VIN = 0 V and VIN > 4.7 V (Notes 4, 5)
5.0
10
25
k
W
4. Applies to either VIN or VSB.
5. Guaranteed by design, not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com