Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5233-3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5233-3
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5233-3 Datasheet HTML 1Page - ON Semiconductor CS5233-3 Datasheet HTML 2Page - ON Semiconductor CS5233-3 Datasheet HTML 3Page - ON Semiconductor CS5233-3 Datasheet HTML 4Page - ON Semiconductor CS5233-3 Datasheet HTML 5Page - ON Semiconductor CS5233-3 Datasheet HTML 6Page - ON Semiconductor CS5233-3 Datasheet HTML 7Page - ON Semiconductor CS5233-3 Datasheet HTML 8Page - ON Semiconductor CS5233-3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS5233−3
http://onsemi.com
2
+
+
+
+3.3 VAUX
VSB
VIN
GND
10
mF min
ESR < 1.0
W
10
mF min
ESR < 1.0
W
10
mF min
ESR < 1.0
W
VSB
VIN
GND
AuxDrv
VOUT
CS5233−3
ASIC
VDD
DS
G
Figure 1. Application Diagram, 5.0 V to 3.3 V Dual Input Regulator with Auxiliary PFET Power Switch
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ABSOLUTE MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input (Main)
VIN
6.0 V
−0.3 V
100 mA
Internally Limited
IC Power Input (Standby)
VSB
6.0 V
−0.3 V
100 mA
Internally Limited
Output Voltage
VOUT
6.0 V
−0.3 V
Internally Limited
100 mA
Auxiliary Drive Output
AuxDrv
6.0 V
−0.3 V
10 mA
50 mA
IC Ground
GND
N/A
N/A
N/A
N/A
ELECTRICAL CHARACTERISTICS (0
°C < TA < 70°C; 0°C < TJ < 150°C; 4.75 V < VIN; VSB < 6.0 V; COUT ≥ 10 mF
with ESR < 1.0
W, IOUT = 10 mA; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Linear Regulator
Output Voltage
10 mA < IOUT < IMAX. (Note 2)
3.234 − 2%
3.3
3.366 + 2%
V
Line Regulation
IOUT = 10mA; VSOURCE = 4.75 V to 6.0 V.
(Note 3)
−
1.0
5.0
mV
Load Regulation
VSOURCE = 5.0 V; IOUT = 10 mA to IMAX.
(Notes 2, 3)
−
5.0
15
mV
2. IMAX = 1.5 A for D2PAK−5 only and with VIN > 4.75 V, otherwise IMAX = 500 mA.
3. Applies to either VIN or VSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com