Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLASSICA7512W Datasheet(PDF) 2 Page - OSRAM GmbH

Part # CLASSICA7512W
Description  PARATHOM CLASSIC A | LED lamps, classic bulb shape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CLASSICA7512W Datasheet(HTML) 2 Page - OSRAM GmbH

  CLASSICA7512W Datasheet HTML 1Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 2Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 3Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Electrical data
Rated wattage
10.00 W
Nominal wattage
10.00 W
Nominal voltage
220…240 V
Operating frequency
50…60 Hz
Power factor λ
> 0.50
Claimed equiv. conventional lamp power
75 W
Photometrical data
Nominal luminous flux
1055 lm
Rated luminous flux
1055 lm
Rated color temperature
2700 K
Color rendering index Ra
80
Light color (designation)
Warm White
Standard deviation of color matching
6 sdcm
Lumen main.fact.at end of nom.life time
0.70
Light technical data
Warm-up time (60 %)
1.00 s
Starting time
< 0.5 s
Dimensions & weight
Overall length
110.0 mm
Diameter
60.0 mm
Outer bulb
A60
Length
110.0 mm
Product datasheet
__
February 10, 2018, 21:39:20
© 2018, OSRAM GmbH. All rights reserved.
PARATHOM CLASSIC A 75 12 W/827 E27
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com