Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLASSICA7512W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CLASSICA7512W
Description  PARATHOM CLASSIC A | LED lamps, classic bulb shape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CLASSICA7512W Datasheet(HTML) 1 Page - OSRAM GmbH

  CLASSICA7512W Datasheet HTML 1Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 2Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 3Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product benefits
_ Low energy consumption
_ Easy replacement of classic lamps thanks to compact design
_ Instant 100 % light, no warm-up time
Product features
_ LED alternative to conventional lamps
_ Mercury-free lamps
_ Made in Germany (versions up to incl. 75 W replacement)
Product datasheet
PARATHOM CLASSIC A 75 12 W/827 E27
PARATHOM CLASSIC A | LED lamps, classic bulb shape
Areas of application
_ Domestic applications
_ General illumination
_ Outdoor applications only in suitable luminaires
__
February 10, 2018, 21:39:20
© 2018, OSRAM GmbH. All rights reserved.
PARATHOM CLASSIC A 75 12 W/827 E27
Page 1 of 4


Similar Part No. - CLASSICA7512W

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA SKYWORKS-CLA Datasheet
177Kb / 12P
Silicon Limiter Diodes, Packaged and Bondable Chips
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
Wire Bondable Thin Film Resistor Arrays
30-May-2022
logo
Teledyne Technologies I...
CLA-13-6012 TELEDYNE-CLA-13-6012 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6014 TELEDYNE-CLA-13-6014 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
More results

Similar Description - CLASSICA7512W

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
Adapter - EM RI-ADAPTER CLASSIC
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
PANDUIT CORP.
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
logo
Lapp.
00100004 LAPP-00100004 Datasheet
84Kb / 1P
OLFEX CLASSIC 100 300/500V
24.02.2022
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
BT 2025 Classic V2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com