Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLASSICA7512W Datasheet(PDF) 3 Page - OSRAM GmbH

Part # CLASSICA7512W
Description  PARATHOM CLASSIC A | LED lamps, classic bulb shape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CLASSICA7512W Datasheet(HTML) 3 Page - OSRAM GmbH

  CLASSICA7512W Datasheet HTML 1Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 2Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 3Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Lifespan
Nominal lamp life time
15000 h
Rated lamp life time
15000 h
Number of switching cycles
100000
Lumen maintenance at end of service life
0.70
Additional product data
Base (standard designation)
E27
Mercury content
0.0 mg
Mercury-free
Yes
Design / version
Frosted
Product remark
All technical parameters apply to the entire lampDue
to the complex production process for light-emitting
diodes, the typical values shown for the technical LED
parameters are purely statistical values that do not
necessarily match the actual technical parameters of
each individual product, which can vary from the
typical valueIn development, data preliminary
Capabilities
Dimmable
No
Certificates & standards
Energy efficiency class
A+
Energy consumption
10 kWh/1000h
Country specific categorizations
ILCOS
DRAA/F-13/827-230-E27-60
Order reference
PCLA75 10W/827
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899369597
PARATHOM CLASSIC
A 75 12 W/827 E27
Shipping carton box
10 Pieces Folding
carton box
315 mm x - x -
5.12 dm³
861.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Product datasheet
__
February 10, 2018, 21:39:20
© 2018, OSRAM GmbH. All rights reserved.
PARATHOM CLASSIC A 75 12 W/827 E27
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com