Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLASSICA7512W Datasheet(PDF) 4 Page - OSRAM GmbH

Part # CLASSICA7512W
Description  PARATHOM CLASSIC A | LED lamps, classic bulb shape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CLASSICA7512W Datasheet(HTML) 4 Page - OSRAM GmbH

  CLASSICA7512W Datasheet HTML 1Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 2Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 3Page - OSRAM GmbH CLASSICA7512W Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For further products and actual information concerning LED lamps see
www.osram.com/ledlamps
For Guarantee see
www.osram.com/guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
February 10, 2018, 21:39:20
© 2018, OSRAM GmbH. All rights reserved.
PARATHOM CLASSIC A 75 12 W/827 E27
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com