Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM004 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEM004
Description  60GHz Baseboard I/Q Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM004 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEM004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
The coaxial expansion board uses type MCX connectors. The power cable uses a Samtec 10-
pin connector. Figure 1 shows the power connector, and Figure 2 shows the baseband I and Q
signal inputs. Note that the I and Q signals are differential, and two cables (±) are used for the I-
input and two cables (±) are used for the Q-input. Figure 3 below shows how the power and
baseband cables are connected to the PEM003-KIT Trandmitter (TX) assembly. Figure 4 below
shows the Block Diagram logic to Figure 3. Figure 5 below illustrates the phase relationship
between the I and Q signals.
PEM004 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60GHz Baseboard I/Q Module PEM004
60 GHz Accessories Technical Data Sheet
PEM004
60GHz Baseboard I/Q Module



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com