Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM004 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PEM004
Description  60GHz Baseboard I/Q Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM004 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PEM004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PEM004 REV 1.1
60 GHz Accessories Technical Data Sheet
PEM004
60GHz Baseboard I/Q Module
Compliance Certifications (see product page for current document)
60GHz Baseboard I/Q Module from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60GHz Baseboard I/Q Module PEM004
URL: https://www.pasternack.com/60-ghz-baseboard-i-q-module-pem004-p.aspx



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com