Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM004 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PEM004
Description  60GHz Baseboard I/Q Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM004 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PEM004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PEM004 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60GHz Baseboard I/Q Module PEM004
Figure 5 Spectrum Analyzer Display of PEM003-KIT Transmitter with PEM004 Connected to I/Q Inputs
The image above in Figure 5 spectrum analuzer display of a PEM003-KIT transmitter with the PEM004
connected to the I and Q inputs. The transmitter synthesizer is set to a carrier friquency of 58.32 GHz. Note
the resulting spectrum with the highest level signal at the upper sideband (USB) frequency at 58.82 GHz
(58.32 GHz + 500 MHz), suppressed carrier at 58.32 GHz, and the suppressed lower sideband frequency
at 57.82 GHz (58.32 GHz - 500 MHz).
60 GHz Accessories Technical Data Sheet
PEM004
60GHz Baseboard I/Q Module



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com