Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEM004
Description  60GHz Baseboard I/Q Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEM004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM004 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Description
The PEM004 is a 500 MHz quadrature signal source for use with the PEM003-KIT 60 GHz waveguide development system
transmitter. The transmitter provides for baseband signal inputs in the form of Inphase (I) and Quadrature-phase (Q) waveforms,
also called vector waveforms. The vector waveforms are often created by digital to analog (D/A) converters that are part of
a digital modulation system for wireless communications. However, there may be situations where that kind of modulation
system has yet to be developed, or a simple continuous wave (CW) carrier is desired from the 60 GHz transmitter for testing
purposes.
Any vector modulated transmitter can produce a simple CW carrier if a sine wave is fed into the I and Q baseband inputs with
a phase delay of 90° between them. If the Q input signal is delayed relative to the I input signal by 90°, the 60 GHz output will
be as an upper sideband CW signal with the carrier frequency and the lower sideband signal suppressed. Mathematically, the
I-input signal is the cosine, and the Qinput signal is the sine, at a frequency of 500 MHz. The 60 GHz frequency of the upper
sideband signal will simply be the baseband signal frequency added to the carrier frequency. In the case of the PEM004, the
frequency is set at 500 MHz. Therefore the resulting upper sideband frequency at 60 GHz will be the 60 GHz transmitter carrier
frequency setting plus 500 MHz. As an example, if the PEM003-KIT transmitter carrier is set at 58.32 GHz, and the PEM004
is connected to the I and Q baseband inputs, the resulting frequency at the transmitter output will be 58.32 GHz + 500 MHz =
58.82 GHz. The original carrier frequency at 58.32 GHz will be suppressed, as well as the lower sideband frequency at 58.32
- 500 MHz = 57.82 GHz. The PEM004 provides a stable, clean 500 MHz waveform with tightly controlled phase between the
I and Q outputs.
The PEM004 comes with all cables necessary for connecting to the PEM003-KIT transmitter board. The power cable plugs
directly into J1 on the front of transmitter board (lower right) which provides 3.3VDC to the PEM004. The I and Q baseband
signals are connected via their marked coaxial cables to the coaxial expansion board on the rear side of the transmitter
assembly.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60GHz Baseboard I/Q Module PEM004
PEM004 REV 1.1
60GHz Baseboard I/Q Module
60 GHz Accessories Technical Data Sheet
PEM004


Similar Part No. - PEM004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001 PASTERNACK-PEM001 Datasheet
377Kb / 18P
60 GHz Transmitter Tx Waveguide Module
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
60 GHz Transmitter (Tx) Waveguide Module
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
60 GHz Receiver Rx Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
60 GHz Receiver (Rx) Waveguide Module
PEM005 PASTERNACK-PEM005 Datasheet
70Kb / 1P
DIMENSIONS ARE IN INCHES
More results

Similar Description - PEM004

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IQF-4F-1500 MERRIMAC-IQF-4F-1500 Datasheet
89Kb / 1P
I&Q NETWORK
IQF-20F-1200B MERRIMAC-IQF-20F-1200B Datasheet
234Kb / 1P
I&Q NETWORKS
IQF-20L-3B MERRIMAC-IQF-20L-3B Datasheet
44Kb / 1P
I&Q NETWORKS
IQG-20E-20B MERRIMAC-IQG-20E-20B Datasheet
107Kb / 1P
I&Q NETWORKS
IQP-4R-10B MERRIMAC-IQP-4R-10B Datasheet
84Kb / 1P
I&Q NETWORKS
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
I&Q MODULATOR
logo
TRINAMIC Motion Control...
BB-103 TRINAMIC-BB-103 Datasheet
286Kb / 1P
Baseboard for TMCM-103
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
I&Q Modulator
logo
Axiomtek Co., Ltd.
Q7B300 AXIOMTEK-Q7B300 Datasheet
231Kb / 1P
Qseven Module Rev 2.1 Development Baseboard
logo
Mini-Circuits
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
I&Q Modulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com