Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4304LED Datasheet(PDF) 4 Page - Anaren Microwave

Part # MSK4304LED
Description  10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK4304LED Datasheet(HTML) 4 Page - Anaren Microwave

  MSK4304LED Datasheet HTML 1Page - Anaren Microwave MSK4304LED Datasheet HTML 2Page - Anaren Microwave MSK4304LED Datasheet HTML 3Page - Anaren Microwave MSK4304LED Datasheet HTML 4Page - Anaren Microwave MSK4304LED Datasheet HTML 5Page - Anaren Microwave MSK4304LED Datasheet HTML 6Page - Anaren Microwave MSK4304LED Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
APPLICATION NOTES
MSK 4304RH PIN DESCRIPTIONS
+VCC - Is the low voltage supply for the lowside driv-
ers. A 0.1 μF ceramic capacitor in parallel with a 10μF
tantalum capacitor is the recommended bypassing from
the +VCC pin to the COM pin.
+VDD - Is the low voltage supply for the input logic to
the hybrid. A 0.1 μF ceramic capacitor in parallel with
a 4.7μF tantalum capacitor is the recommended by-
passing to the COM pin.
+VB - Is the connection used to provide power to the
floating high-side bootstrap supplies in the gate drive
circuitry.
V+ - Is the high voltage positive rail connection to the
tops of the three half bridges. Proper power supply
bypassing must be connected from this pin to the COM
pin for good filtering. This bypassing must be done as
close to the hybrid as possible. +VCC, +VDD and +VB
should be present and stable whenever V+ is present.
H INA, H INB, H INC - Are active high logic inputs for
signalling the corresponding phase high-side switch to
turn on. The logic inputs are compatible with standard
LSTTL/CMOS outputs. These inputs are clamped to VDD
and COM, they must be limited to less than 10mA if
they are allowed to exceed those limits.
L INA, L INB, L INC - Are active high inputs for signal-
ling the corresponding phase low-side switch to turn
on. The logic inputs are compatible with standard
LSTTL/CMOS outputs. These inputs are clamped to VDD
and COM, they must be limited to less than 10mA if
they are allowed to exceed those limits.
AØ, BØ, CØ - Are the pins connecting the 3 phase
bridge switch outputs.
AV-, BV-, CV- - Are the connections from the bottoms
of the three half bridges. These pins get connected to
the COM pin. If current sensing is desired they may be
connected to the COM pin through a low value sense
resistor.
COM - Is the connection that all hybrid power supply
connections are returned to and bypassed to.
Radiation performance curves for TID testing have been
generated for all radiation testing performed by MS Kennedy.
These curves show performance trends throughout the TID
test process and can be located in the MSK4304RH radiation
test report. The complete radiation test report is available in
the RAD HARD PRODUCTS section on the MSK website.
TOTAL DOSE RADIATION TEST
PERFORMANCE
http://www.mskennedy.com/store.asp?pid=9951&catid=19680
UVLO - The under voltage lockout function of the MSK4304RH
prevents the device from starting before sufficient bias volt-
age is available. The UVLO feature monitors the VDD supply
and holds the outputs low until the voltage level rises above
the threshold during start up. After start up the UVLO circuit
will hold the low side switches off if VDD falls below the thresh-
old but the high side switches will not be controlled by UVLO
after start up.
MAXIMUM DUTY CYCLE AND HIGH SIDE BIAS - The
MSK4304RH uses three independent bootstrap circuits to
power each of the high side switches. When the switches are
turned on the high side drivers are powered by the charge
in the bootstrap capacitors. The voltage on the bootstrap
capacitors has an initial 1.2V drop and decays at a rate of
approximately 0.5V every 100μS. The voltage can be ap-
proximated by the equation:
VBS = +VB - 1.2V - 5 x TON
TON is the switch on time in mS
VBS is the bootstrap capacitor voltage
VBS should be greater than or equal to 10 volts for maxi-
mum gate drive. If VBS falls too low loss of high side con-
trol my result.
The lowside switches must be activate every cycle or held
active during static operation to provide a return path for
charging the highside bootstrap capacitor and prevent loss
of highside control.
8548-35 Rev. J 8/14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com