Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4304LED Datasheet(PDF) 5 Page - Anaren Microwave

Part # MSK4304LED
Description  10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK4304LED Datasheet(HTML) 5 Page - Anaren Microwave

  MSK4304LED Datasheet HTML 1Page - Anaren Microwave MSK4304LED Datasheet HTML 2Page - Anaren Microwave MSK4304LED Datasheet HTML 3Page - Anaren Microwave MSK4304LED Datasheet HTML 4Page - Anaren Microwave MSK4304LED Datasheet HTML 5Page - Anaren Microwave MSK4304LED Datasheet HTML 6Page - Anaren Microwave MSK4304LED Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TYPICAL SYSTEM OPERATION
The MSK4304RH is designed to be used with a +28 volt high voltage bus, +15 volt low power bus and +5 volt logic
signals. Proper derating should be applied when designing the MSK4304RH into a system. High frequency layout tech-
niques with ground planes on a printed circuit board is the only method that should be used for circuit construction. This will
prevent pulse jitter caused by excessive noise pickup on the current sense signal or the error amp signal.
Ground planes for the lower power circuitry and the high power circuitry should be kept separate. The connection
between the bottom of the current sense resistor, COM pin and the high power ground, AV-, BV- and CV- pins are
connected at this point. This is a critical path and high currents should not be flowing between the current sense and
COM. Inductance in this path should be kept to a minimum. An RC filter will filter out the current spikes and keep the
detected noise for those circuits down to a minimum.
In the system shown a PWM pulse by pulse current limit scheme controlled by the motor controller is implemented.
When controlling the motor speed by the PWM method, it is required that the low side switches be PWM pulsed to
ensure sufficient bootstrap capacitor charge to power the high side switch drives. The higher the PWM speed the
higher the current load on the drive supply.
8548-35 Rev. J 8/14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com