Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4304LED Datasheet(PDF) 1 Page - Anaren Microwave

Part # MSK4304LED
Description  10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK4304LED Datasheet(HTML) 1 Page - Anaren Microwave

  MSK4304LED Datasheet HTML 1Page - Anaren Microwave MSK4304LED Datasheet HTML 2Page - Anaren Microwave MSK4304LED Datasheet HTML 3Page - Anaren Microwave MSK4304LED Datasheet HTML 4Page - Anaren Microwave MSK4304LED Datasheet HTML 5Page - Anaren Microwave MSK4304LED Datasheet HTML 6Page - Anaren Microwave MSK4304LED Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES:
100V, 10 Amp Capability
Ultra Low Thermal Resistance - Junction to Case - 2.5°C/W (Each MOSFET)
Self-Contained, Lowside/Highside Drive Circuitry
Bootstrap High-Side Supplies
Under-Voltage Lockout
Capable of Switching Frequencies to 25KHz
Isolated Case Allows Direct Heat Sinking
Bolt-down Design Allows Superior Heat Dissipation
Total Dose Hardened to 300 Krads(Si) (Method 1019.7 Condition A)
DESCRIPTION:
The MSK4304RH is a radiation hardened 10 Amp, 3 Phase Bridge Power Motor Drive Hybrid with a 100 volt maximum
rating on the output switches. The internal components have been selected to provide total dose tolerance for military and
space applications. The output switches are MOSFETs. This new power motor drive hybrid is 5.0 volt input logic compat-
ible. Under-voltage lockout prevents the bridge from starting before the supply voltage rises high enough for complete turn-
on of the output switches. The internal high-side bootstrap power supply derived from the +VB supply completely elimi-
nates the need for 3 floating independent power supplies.
TYPICAL APPLICATIONSPIN-OUT INFORMATION
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
3 PHASE SIX STEP DC BRUSHLESS MOTOR DRIVE
OR 3 PHASE SINUSOIDAL INDUCTION MOTOR DRIVE
EQUIVALENT SCHEMATIC
M.S. KENNEDY CORP.
1
2
3
4
5
6
7
8
9
10
H INA
L INA
+VCC
H INB
L INB
COM
+VDD
+VB
H INC
L INC
20
19
18
17
16
15
14
13
12
11
V+
N/C
AV-
AØ
N/C
BV-
BØ
N/C
CV-
CØ
1
M.S.KENNEDY CORP.
4304RH
10 AMP, 100 VOLT
RAD HARD MOSFET
POWER 3-PHASE
MOTOR DRIVE HYBRID
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
8548-35 Rev. J 8/14
CASE=ISOLATED


Similar Part No. - MSK4304LED

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4304D MSK-MSK4304D Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4304ED MSK-MSK4304ED Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4304ES MSK-MSK4304ES Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4304EU MSK-MSK4304EU Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4304HD MSK-MSK4304HD Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
More results

Similar Description - MSK4304LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK4202RH ETC-MSK4202RH Datasheet
260Kb / 5P
70 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4322 MSK-MSK4322 Datasheet
324Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351 MSK-MSK4351 Datasheet
405Kb / 6P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4204HRHU MSK-MSK4204HRHU Datasheet
249Kb / 6P
100 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4357HU MSK-MSK4357HU Datasheet
335Kb / 6P
28 AMP, 500 VOLT IGBT PLUS DIODE SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Anaren Microwave
MSK4231RH ANAREN-MSK4231RH Datasheet
752Kb / 8P
RAD HARD 10 AMP, 70V, H-BRIDGE MOSFET STEPPER MOTOR DRIVE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com