Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4304LED Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK4304LED
Description  10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK4304LED Datasheet(HTML) 2 Page - Anaren Microwave

  MSK4304LED Datasheet HTML 1Page - Anaren Microwave MSK4304LED Datasheet HTML 2Page - Anaren Microwave MSK4304LED Datasheet HTML 3Page - Anaren Microwave MSK4304LED Datasheet HTML 4Page - Anaren Microwave MSK4304LED Datasheet HTML 5Page - Anaren Microwave MSK4304LED Datasheet HTML 6Page - Anaren Microwave MSK4304LED Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
14A
-65° to +150°C
300°C
-40°C to +85°C
-40°C to +125°C
+150°C
IDS=10A
IDS=10A
V+ = 80V
V+ = 80V
V+ = 80V
ID=10A, di/dt=100A/μS
IS=18A, VGS=0V
IF=18A
di/dt<100A/us, VDD<25V
+VDD=15V
+VCC=15V
+VCC=15V
+VDD
OUTPUT CHARACTERISTICS
Leakage Current (Each MOSFET)
Reverse Recovery Time
BODY DIODE CHARACTERISTICS
VSD Diode Forward Voltage
TRR Reverse Recovery Time
QRR Reverse Recovery Charge
BIAS SUPPLY CHARACTERISTICS
+VDD Bias Current
INPUT SIGNAL CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage
Under-voltage Lockout
+VCC Bias Current
+VB Bias Current
Logic Input Current
Switching Loss Inductive Load
+VCC=15V
+VB=15V
All Inputs
High Voltage Supply
Logic Supply
Logic Input Voltage
Logic Input Current
Lowside Supply
Highside Supply
Continuous Output Current
Thermal Resistance @ 125°C
(Output Switches,Junction to Case)
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 unless otherwise specified.
Space and Military grade devices ("KE & HE" suffix) shall be 100% tested to subgroups 1, 2 and 3.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC=-40°C for 'KE' and 'HE' SUFFIXES
See UVLO paragraph in the application notes section.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
Pre and post irradiation limits at 25°C, up to 300Krad TID, are identical unless otherwise specified.
When applying power to the device, apply the low voltage followed by the high voltage or alternatively,apply both at the same time.
Do not apply high voltage without low voltage present.
Internal solder reflow temperature is 180°C, do not exceed.
Peak Output Current
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4304RH
MSK4304KE/HE RH
Junction Temperature
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
Parameters
MSK4304KE/HE RH
Min. Typ. Max.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
8.0
-
-10
-
-
0.08
0.16
0.08
1.5
2.4
1.2
25
250
25
370
1.2
250
850
2
6
2
6
9
3.0
-
12.0
75
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
8.0
-
-10
-
-
-
-
-
0.8
-
-
1
-
-
-
-
-
-
0.02
-
0.02
-
4.5
2.3
1.8
10
25
-1.2
TBD
TBD
0.08
-
-
1.6
-
-
25
-
-
370
1.2
250
850
2
6
2
6
9
3.0
-
12.0
75
-
-
-
MSK4304RH
Min. Typ. Max.
1
2
3
1
2
3
1
2
3
-
1
1
1
1,3
2
1,3
2
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
4
4
-
-
-
0.8
1.4
0.6
1
10
1
-
-
-
-
0.02
-
0.02
-
4.5
2.3
1.8
10
25
-1.2
TBD
TBD
Ω
Ω
Ω
volts
volts
volts
μA
μA
μA
nS
V
ns
nC
mA
mA
mA
mA
mA
volts
volts
volts
μA
μA
μJ
μJ
3
GROUP A
SUBGROUP
5
Test Conditions
NOTES:
IPK
TsT
TLD
TC
TJ
V+
+VDD
VH/LIN
IH/LIN
+VCC
+VB
IOUT
θJC
100V
18V
VDD
10mA
18V
18V
10A
2.5°C/W
UNITS
2
Drain-Source ON Resistance
(each MOSFET) (for thermal calculations only)
Drain-Source Voltage (VDS(on))
(each MOSFET)
1
1
2
3
4
5
6
7
8
9
10
9
1
8
1
1
7
1
1
1
VIN=+5V
VIN=0V
E(ON)
E(OFF)
1
6
10
8548-35 Rev. J 8/14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com