Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C1-RNG1000000000 Datasheet(PDF) 23 Page - Lumileds Lighting Company

Part # L1C1-RNG1000000000
Description  Multiple colors, a single focal length
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1C1-RNG1000000000 Datasheet(HTML) 23 Page - Lumileds Lighting Company

Back Button L1C1-RNG1000000000 Datasheet HTML 19Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 20Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 21Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 22Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 25Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 26Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 27Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DS144 LUXEON C Color Line Product Datasheet 20180219 ©2018 Lumileds Holding B.V. All rights reserved.
22
Dominant Wavelength Bins
Table 8. Dominant wavelength bins for LUXEON C Red, Red-Orange, Amber, Green, Cyan and Blue at 350mA, T
j=85ºC .
Color
Part numBEr
BIn
domInant WaVElEnGtH [1] (nm)
mInImum
maXImum
Red
L1C1-RED1000000000
40
624.0
634.0
Red-Orange
L1C1-RNG1000000000
20
614.0
624.0
Amber
L1C1-AMB1000000000
10
585.0
590.0
20
590.0
594.5
30
594.5
600.0
Green
L1C1-GRN1000000000
10
520.0
525.0
20
525.0
530.0
30
530.0
535.0
40
535.0
540.0
Cyan
L1C1-CYN1000000000
10
490.0
496.0
20
496.0
500.0
30
500.0
505.0
40
505.0
510.0
Blue
L1C1-BLU1000000000
10
460.0
465.0
20
465.0
470.0
30
470.0
475.0
40
475.0
480.0
50
480.0
485.0
Notes for Table 8:
1. Lumileds maintains a tolerance of ±0.5nm on dominant wavelength measurements.
Peak Wavelength Bins
Table 9. Peak wavelength bins for LUXEON C Far Red, Deep Red and Royal Blue.
Color
Part numBEr
BIn
PEaK WaVElEnGtH [1] (nm)
mInImum
maXImum
Far Red
L1C1-FRD1000000000
10
720
730
20
730
740
30
740
750
Deep Red
L1C1-DRD1000000000
10
655
665
20
665
675
Royal Blue
L1C1-RYL1000000000
30
440
445
40
445
450
50
450
455
60
455
460
Notes for Table 9:
1. Lumileds maintains a tolerance of ±2.0nm on peak wavelength measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com