Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C1-RNG1000000000 Datasheet(PDF) 21 Page - Lumileds Lighting Company

Part # L1C1-RNG1000000000
Description  Multiple colors, a single focal length
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1C1-RNG1000000000 Datasheet(HTML) 21 Page - Lumileds Lighting Company

Back Button L1C1-RNG1000000000 Datasheet HTML 17Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 18Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 19Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 20Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 21Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 22Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 25Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DS144 LUXEON C Color Line Product Datasheet 20180219 ©2018 Lumileds Holding B.V. All rights reserved.
20
Luminous Flux Bins
Table 5 lists the standard photometric luminous flux bins for LUXEON C Color Line emitters. Although several bins are outlined,
product availability in a particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON C Color Line.
BIn
lumInous FluX [1] (lm)
mInImum
maXImum
A
20
25
B
25
30
C
30
35
D
35
40
E
40
45
F
45
50
G
50
55
H
55
60
J
60
65
K
65
70
L
70
75
M
75
80
N
80
90
P
90
100
Q
100
110
R
110
120
S
120
130
T
130
140
U
140
150
V
150
170
W
170
190
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Radiometric Power Bins
Table 6. Radiometric power bin definitions for LUXEON C Far Red, Deep Red and Royal Blue.
Color
Part numBEr
BIn
radIomEtrIC PoWEr [1] (mW)
mInImum
maXImum
Far Red
L1C1-FRD1000000000
A
190
240
B
240
280
C
280
320
D
320
360
E
360
400
Deep Red
L1C1-DRD1000000000
C
280
320
D
320
360
E
360
400
F
400
440
G
440
480
Royal Blue
L1C1-RYL1000000000
H
480
520
J
520
560
K
560
600
L
600
640
Notes for Table 6:
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com