Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C1-RNG1000000000 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L1C1-RNG1000000000
Description  Multiple colors, a single focal length
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1C1-RNG1000000000 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L1C1-RNG1000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DS144 LUXEON C Color Line Product Datasheet 20180219 ©2018 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1a . Product performance of LUXEON C Colors at 350mA, T
j=85ºC .
Color
domInant or
PEaK WaVElEnGtH [1] (nm)
lumInous FluX (lm) or
radIomEtrIC PoWEr [2] (mW)
Part
numBEr
mInImum
maXImum
mInImum
tyPICal
Far Red
720
750
190
230
L1C1-FRD1000000000
Deep Red
655
675
280
315
L1C1-DRD1000000000
Red
624
634
35
49
L1C1-RED1000000000
Red-Orange
614
624
45
60
L1C1-RNG1000000000
Amber
585
600
20
30
L1C1-AMB1000000000
PC Amber
–
–
80
94
L1C1-PCA1000000000
Mint
–
–
140
152
L1C1-MNT1000000000
Lime
–
–
125
135
L1C1-LME1000000000
Green
520
540
90
115
L1C1-GRN1000000000
Cyan
490
510
65
90
L1C1-CYN1000000000
Blue
465
485
25
41
L1C1-BLU1000000000
Royal Blue
440
460
480
532
L1C1-RYL1000000000
Notes for Table 1a:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements. PC Amber, Mint and Lime are binned by chromaticity coordinates. Far Red, Deep Red and Royal Blue are binned by
peak wavelength. All other colors are binned by dominant wavelength.
2. Far Red, Deep Red and Royal Blue are binned by radiometric power. All other colors are binned by luminous flux.
Table 1b . Product performance of LUXEON C White at 350mA, T
j=85°C .
nomInal
CCt
mInImum
CrI
lumInous FluX (lm)
tyPICal
lumInous EFFICaCy
(lm/W)
Part
numBEr
mInImum
tyPICal
4000K
70
100
116
121
L1C1-4070000000000
5000K
70
100
117
122
L1C1-5070000000000
5700K
70
100
118
124
L1C1-5770000000000
6500K
70
100
119
124
L1C1-6570000000000
2700K
80
90
94
98
L1C1-2780000000000
3000K
80
90
102
106
L1C1-3080000000000
4000K
80
100
113
117
L1C1-4080000000000
5700K
90
80
93
94
L1C1-5790000000000
Notes for Table 1b:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com