Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C1-RNG1000000000 Datasheet(PDF) 14 Page - Lumileds Lighting Company

Part # L1C1-RNG1000000000
Description  Multiple colors, a single focal length
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1C1-RNG1000000000 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button L1C1-RNG1000000000 Datasheet HTML 10Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 11Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 12Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 13Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 14Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 15Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 16Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 17Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 18Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
DS144 LUXEON C Color Line Product Datasheet 20180219 ©2018 Lumileds Holding B.V. All rights reserved.
13
Figure 3g. Typical normalized light output vs. forward current for LUXEON C White at T
j=85°C .
Figure 3f. Typical normalized light output vs. forward current for LUXEON C Royal Blue at T
j=85°C .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com