Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362AG Datasheet(PDF) 30 Page - Microchip Technology

Part # RFHCS362AG
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362AG Datasheet(HTML) 30 Page - Microchip Technology

Back Button RFHCS362AG Datasheet HTML 26Page - Microchip Technology RFHCS362AG Datasheet HTML 27Page - Microchip Technology RFHCS362AG Datasheet HTML 28Page - Microchip Technology RFHCS362AG Datasheet HTML 29Page - Microchip Technology RFHCS362AG Datasheet HTML 30Page - Microchip Technology RFHCS362AG Datasheet HTML 31Page - Microchip Technology RFHCS362AG Datasheet HTML 32Page - Microchip Technology RFHCS362AG Datasheet HTML 33Page - Microchip Technology RFHCS362AG Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
rfHCS362G/362F
DS41189A-page 30
Preliminary
© 2002 Microchip Technology Inc.
6.3.1
CRYSTAL OSCILLATOR ASK
OPERATION
The rfHCS362G/362F crystal oscillator can be config-
ured for ASK operation. Figure 6-1 shows an example
ASK circuit.
Capacitor C1 trims the crystal load capacitance to the
desired circuit load capacitance and places the crystal
on the desired frequency.
FIGURE 6-1:
EXAMPLE ASK EXTERNAL
CRYSTAL CIRCUIT
TABLE 6-2:
XTAL OSC APPROXIMATE FREQ. VS. CAPACITANCE (ASK MODE) (1)
XTAL
rfHCS362G/
362F
X1
C1
C1
Predicted Frequency
(MHz)
PPM from 13.55 MHz
Transmit Frequency (MHz)
(32 * fXTAL)
22 pF
13.551438
+106
433.646
39 pF
13.550563
+42
433.618
100 pF
13.549844
-12
433.595
150 pF
13.549672
-24
433.5895
470 pF
13.549548
-33
433.5856
1000 pF
13.549344
-48
433.579
Note 1: Standard Operating Conditions (unless otherwise stated) TA = 25°C, RFEN = 1, VDDRF = 3V,
fXTAL = 13.55 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com