Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362AG Datasheet(PDF) 20 Page - Microchip Technology

Part # RFHCS362AG
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362AG Datasheet(HTML) 20 Page - Microchip Technology

Back Button RFHCS362AG Datasheet HTML 16Page - Microchip Technology RFHCS362AG Datasheet HTML 17Page - Microchip Technology RFHCS362AG Datasheet HTML 18Page - Microchip Technology RFHCS362AG Datasheet HTML 19Page - Microchip Technology RFHCS362AG Datasheet HTML 20Page - Microchip Technology RFHCS362AG Datasheet HTML 21Page - Microchip Technology RFHCS362AG Datasheet HTML 22Page - Microchip Technology RFHCS362AG Datasheet HTML 23Page - Microchip Technology RFHCS362AG Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
rfHCS362G/362F
DS41189A-page 20
Preliminary
© 2002 Microchip Technology Inc.
3.5
RF Enable and Transmitter Interface
The S3/RFENOUT pin of the rfHCS362 can be config-
ured to function as an RF Enable output signal. This is
selected by the RF Enable Output (RFEN) configura-
tion option as described in Section 4.5.13. When
enabled, this pin will be driven HIGH before data is
transmitted through the DATA pin.
The RFENOUT and DATA pins are synchronized to
interface with the transmitter. Figure 3-11 shows the
start-up sequence. A button is debounced and the
EEPROM counter advanced during the power-up delay
(TPU). Then the RFENOUT pin goes high to enable the
transmitter. The DATA output is delayed to give the
transmitter crystal oscillator and PLL time to startup
(TPLL). The RFENOUT signal will go LOW one guard
time after the end of the last code word.
When the RF Enable output is selected, the S3 pin can
still be used as a button input. However, only minimum
code words will be transmitted. An alternative solution
for more than three push buttons can be the switching
diode circuit described in Section 1.2.
In typical implementations of the rfHCS362G/362F, the
encoder RFENOUT pin is connected to the transmitter
RFENIN pin.
FIGURE 3-11: PLL INTERFACE
S[3210]
RFENOUT
DATA
TPLL
Guard Time
1st CODE WORD
TG
Button Press
Button Release
2nd CODE WORD
TPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com